Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39543-0603 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39543-0603
Description  5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39543-0603 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39543-0603 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39543-0603
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.00mm Pitch Eurostyle™ Vertical Fixed Mount PCB Terminal Block, Low Profile, 3
Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39543
Application
N/A
Component Type
One Piece
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Fixed Mount
Type
Euro Block
UPC
822350537568
Physical
Circuits (Loaded)
3
Entry Angle
Horizontal
Lock to Mating Part
None
Number of Rows
1
Orientation
Vertical
PC Tail Length
2.90mm
PCB Thickness - Recommended
2.00mm
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Polarized to Mating Part
N/A
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
0.33 - 2.08
Electrical
Current - Maximum per Contact
10A
Voltage - Maximum
300V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
135
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-39543-004
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39543Series
This document was generated on 12/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39543-0603

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39543-0602 MOLEX11-39543-0602 Datasheet
36Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block
39543-0604 MOLEX11-39543-0604 Datasheet
36Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
39543-0605 MOLEX11-39543-0605 Datasheet
36Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
39543-0606 MOLEX11-39543-0606 Datasheet
36Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
39543-0607 MOLEX11-39543-0607 Datasheet
36Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
More results

Similar Description - 39543-0603

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39543-0624 MOLEX11-39543-0624 Datasheet
39Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
39543-0607 MOLEX11-39543-0607 Datasheet
36Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
39543-0611 MOLEX11-39543-0611 Datasheet
39Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
39543-0612 MOLEX11-39543-0612 Datasheet
39Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
39543-0614 MOLEX11-39543-0614 Datasheet
39Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
39543-0616 MOLEX11-39543-0616 Datasheet
39Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
39543-0606 MOLEX11-39543-0606 Datasheet
36Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
39543-0608 MOLEX11-39543-0608 Datasheet
36Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
39543-0618 MOLEX11-39543-0618 Datasheet
39Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
39543-0623 MOLEX11-39543-0623 Datasheet
39Kb / 1P
   5.00mm Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, Low Profile
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com