Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-1719G0BA1 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HLMP-1719G0BA1
Description  T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1719G0BA1 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-1719G0BA1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1719G0BA1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1719G0BA1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1719G0BA1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1719G0BA1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1719G0BA1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1719G0BA1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1719G0BA1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1719G0BA1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Absolute Maximum Ratings
Parameter
Maximum Rating
Units
Power Dissipation
Red
24
mW
(Derate linearly from 92
°C at 1.0 mA/°C)
Yellow
36
Green
24
DC and Peak Forward Current
7
mA
Transient Forward Current (10
µs Pulse)[1]
500
mA
Reverse Voltage (IR = 50 µA)
5.0
V
Operating Temperature Range
Red/Yellow
-55
°C to 100°C
Green
-20
°C to 100°C
Storage Temperature Range
-55
°C to +100°C
Lead Soldering Temperature
260
°C for 5 seconds
[1.6 mm (0.063 in.) from body]
Note:
1. The transient peak current is the maximum non-recurring peak current the devices can withstand without damaging the LED die and
wire bonds. It is not recommended that the device be operated at peak currents beyond the Absolute Maximum Peak Forward Current.
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs. Forward Current.
Figure 1. Relative Intensity vs. Wavelength.
0
0
VOLTAGE – V
1.5
6
0.5
1.0
2.5
2
4
8
10
2.0
RED
YELLOW
GREEN


Similar Part No. - HLMP-1719G0BA1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-1719 QT-HLMP-1719 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-1719 FAIRCHILD-HLMP-1719 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1719 AVAGO-HLMP-1719 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-1719 AVAGO-HLMP-1719 Datasheet
294Kb / 10P
   Telecommunications indicators
HLMP-1719 AVAGO-HLMP-1719 Datasheet
294Kb / 10P
   Telecommunications indicators
More results

Similar Description - HLMP-1719G0BA1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com