Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25667C5237A375 Datasheet(PDF) 5 Page - TDK Electronics

Part # B25667C5237A375
Description  Film Capacitors - Power Electronic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25667C5237A375 Datasheet(HTML) 5 Page - TDK Electronics

  B25667C5237A375 Datasheet HTML 1Page - TDK Electronics B25667C5237A375 Datasheet HTML 2Page - TDK Electronics B25667C5237A375 Datasheet HTML 3Page - TDK Electronics B25667C5237A375 Datasheet HTML 4Page - TDK Electronics B25667C5237A375 Datasheet HTML 5Page - TDK Electronics B25667C5237A375 Datasheet HTML 6Page - TDK Electronics B25667C5237A375 Datasheet HTML 7Page - TDK Electronics B25667C5237A375 Datasheet HTML 8Page - TDK Electronics B25667C5237A375 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Film Capacitors – Power Factor Correction
B25667C5237A375
PhaseCap Premium capacitors
MKK480-D-16.7-01/MKK525-D-20-01
FILM PFC PM
January 2011
Please read Cautions and warnings and
Page 5 of 10
Important notes at the end of this document
.
Mean life expectancy
tLD
Up to 180 000 hours (temperature class –40/C);
HS  70C
Up to 130 000 hours (temperature class –40/D);
HS  70C
Max. 7500 switchings per year
Terminals
Protection degree
Isolated terminals, IP20
Max. torque
2.0 Nm
Terminal cross section
25 mm
2
Maximum terminal current
80 A
Creepage distance (min.)
12.7 mm
Clearance (min.)
9.6 mm
Safety
Mechanical safety
Overpressure disconnector
Max. short circuit current
(AFC: 10 kA)
Discharge resistor time
≤ 60 s to 75 V or less
Reference standards
IEC 60831–1/2, UL 810-5th edition
Certification: cUL file E238746; GOST


Similar Part No. - B25667C5237A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667C5237A375 EPCOS-B25667C5237A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
More results

Similar Description - B25667C5237A375

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com