Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT32D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HCT32D
Description  Quad 2-input OR gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT32D Datasheet(HTML) 1 Page - NXP Semiconductors

  74HCT32D Datasheet HTML 1Page - NXP Semiconductors 74HCT32D Datasheet HTML 2Page - NXP Semiconductors 74HCT32D Datasheet HTML 3Page - NXP Semiconductors 74HCT32D Datasheet HTML 4Page - NXP Semiconductors 74HCT32D Datasheet HTML 5Page - NXP Semiconductors 74HCT32D Datasheet HTML 6Page - NXP Semiconductors 74HCT32D Datasheet HTML 7Page - NXP Semiconductors 74HCT32D Datasheet HTML 8Page - NXP Semiconductors 74HCT32D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74HC32; 74HCT32 is a quad 2-input OR gate. Inputs include clamp diodes. This
enables the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
2.
Features and benefits
Wide supply voltage range from 2.0 V to 6.0 V
Complies with JEDEC standard JESD7A
Symmetrical output impedance
High noise immunity
Low power dissipation
Balanced propagation delays
Input levels:
For 74HC32: CMOS level
For 74HCT32: TTL level
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Multiple package options
Specified from
40 C to +85 C and from 40 C to +125 C
74HC32; 74HCT32
Quad 2-input OR gate
Rev. 5 — 4 September 2012
Product data sheet


Similar Part No. - 74HCT32D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT32D PHILIPS-74HCT32D Datasheet
35Kb / 6P
   Quad 2-input OR gate
December 1990
74HCT32D PHILIPS-74HCT32D Datasheet
138Kb / 17P
   Quad 2-input OR gate Rev.
Rev. 5-4 September 2012
74HCT32D NXP-74HCT32D Datasheet
138Kb / 17P
   Quad 2-input OR gate
Rev. 5-4 September 2012
logo
Nexperia B.V. All right...
74HCT32D NEXPERIA-74HCT32D Datasheet
239Kb / 12P
   Quad 2-input OR gate
Rev. 8 - 30 July 2021
logo
NXP Semiconductors
74HCT32D,652 NXP-74HCT32D,652 Datasheet
138Kb / 17P
   74HC32; 74HCT32 Quad 2-input OR gate
Rev. 5-4 September 2012
More results

Similar Description - 74HCT32D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com