Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN351H-16-29 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FN351H-16-29
Description  General Purpose EMC Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN351H-16-29 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FN351H-16-29 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN351H-16-29 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN351H-16-29 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN351H-16-29 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN351H-16-29 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMC/EMIProducts
SchaffnerGroup Datasheets 2014
Filter selectiontable
Filter*
Rated current
Typical drive
Leakage current***
Power loss
Input/Output
connections
Weight
@ 40 °C (25 °C)
power rating**
@ 400 VAC/50 Hz
@ 25 °C/50 Hz
[A]
[kW]
[mA]
[W]
[kg]
FN351-8-29
8 (9.2)
3
1.9
7
-29
0.8
FN351-16-29
16 (18.5)
5.5
1.9
8
-29
1.3
FN351-25-33
25 (28.9)
11
28.0
8
-33
1.4
FN351-36-33
36 (41.6)
15
28.0
9
-33
1.5
FN351-50-..
50 (57.7)
22
29.5
11
-33
-34
1.6
FN351-64-..
64 (73.9)
30
29.5
15
-33
-34
1.7
FN351-80-34
80 (92.3)
37
31.8
23
-34
5.6
FN351-110-35
110 (127)
55
31.8
25
-35
5.8
FN351-180-36
180 (208)
90
29.6
49
-36
13.0
FN351-280-37
280 (323)
132
35.7
70
-37
28.0
FN351H-8-29
8 (9.2)
4
2.3
7
-29
1.1
FN351H-16-29
16 (18.5)
7.5
2.3
8
-29
1.3
FN351H-25-33
25 (28.9)
15
32.7
8
-33
1.4
FN351H-36-33
36 (41.6)
18.5
32.7
9
-33
1.5
FN351H-50-..
50 (57.7)
30
32.7
11
-33
-34
1.6
FN351H-64-33
64 (73.9)
37
32.7
15
-33
1.7
FN351H-80-34
80 (92.3)
45
38.0
23
-34
5.6
FN351H-110-35
110 (127)
75
38.0
25
-35
5.8
FN351H-180-36
180 (208)
110
35.6
49
-36
13.0
FN351H-280-37
280 (323)
160
42.9
70
-37
28.0
* To compile a complete part number, please replace the -.. with the required I/O connection style.
** Calculated at rated current, 400 VAC (FN 351)/480VAC (FN 351H) and cos phi = 0.8. The exact value depends upon the efficiency of the drive, the motor and the entire
application.
*** Maximum leakage under normal operating conditions (FN 351 at 400 V, FN 351H at 480 V).
Note: if two phases are interrupted, worst case leakage could reach 6 times higher levels.
Typical filter attenuation
Per CISPR 17; A = 50 Ω/50 Ω sym; B = 50Ω/50Ω asym; C = 0.1 Ω/100 Ω sym; D = 100 Ω/0.1 Ω sym
8 A types
16 A types
25 A types
36 and 50 A types
64 A types
80 and 110 A types
180 A types
280 A types
2


Similar Part No. - FN351H-16-29

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN351H-16-29 SCHAFFNER-FN351H-16-29 Datasheet
569Kb / 5P
   General Purpose EMC Filter
More results

Similar Description - FN351H-16-29

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-351 SCHAFFNER-FN-351 Datasheet
569Kb / 5P
   General Purpose EMC Filter
FN-356 SCHAFFNER-FN-356 Datasheet
569Kb / 4P
   General Purpose EMC/EMI Line Filter
logo
List of Unclassifed Man...
FN356-50-33 ETC2-FN356-50-33 Datasheet
250Kb / 4P
   General Purpose EMC/EMI Line Filter
FN256-16-46 ETC2-FN256-16-46 Datasheet
877Kb / 4P
   Compact general purpose three-phase and neutral line EMC filter
logo
MORNSUN Science& Techno...
FC-CXXD MORNSUN-FC-CXXD Datasheet
648Kb / 5P
   EMC Filter
FC-E03D MORNSUN-FC-E03D Datasheet
1Mb / 6P
   EMC Filter
FC-L01D2 MORNSUN-FC-L01D2 Datasheet
350Kb / 5P
   EMC Filter
FL4D-X1-302 MORNSUN-FL4D-X1-302 Datasheet
161Kb / 2P
   EMC Filter
FC-LX1D MORNSUN-FC-LX1D Datasheet
547Kb / 7P
   EMC Filter
FS-A01D MORNSUN-FS-A01D Datasheet
249Kb / 3P
   EMC Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com