Selected language     English  ā–¼


L-05B1N8SV6T Datasheet(PDF) 3 Page - Johanson Technology Inc.

Part No. L-05B1N8SV6T
Description  RF CERAMIC CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JOHANSON [Johanson Technology Inc.]
Homepage  http://www.johansontechnology.com
Logo 

   
 3 page
background image
21
www.johansontechnology.com
www.johansontechnology.com
1.0
10
100
500
0.01
0.1
1.0
10
Frequency (GHz)
47N
27N
15N
6N8
3N3
1N5
Inductance vs Frequency: sIze 0402
Frequency (GHz)
0
20
40
60
80
100
0.01
0.1
1.0
10
Frequency (GHz)
1N5
3N3
6N8
15N
47N
27N
q vs Frequency: sIze 0402
Frequency (GHz)
RF CHaRaCTeRiSTiCS CHaRaCTeRiSTiCS (TypiCal)
1
10
100
11000
0.01
0.1
1
10
Frequency (GHz)
1N5
3N3
6N8
10N
22N
33N
Inductance vs Frequency: sIze 0201
1.0
10
100
1000
0.01
0.1
1.0
10
Frequency (GHz)
R10
56N
27N
12N
4N7
2N2
Inductance vs Frequency: sIze 0603
Frequency (GHz)
0
20
40
60
80
100
0.01
0.1
1.0
10
Frequency (GHz)
2N2
4N7
12N
27N
R10
56N
q vs Frequency: sIze 0603
Frequency (GHz)
0
20
40
60
0.01
0.1
1
10
Frequency (GHz)
1N5
3N3
6N8
10N
22N
33N
0
20
40
60
0.01
0.1
1
10
10
1N5
3N3
6N8
10N
22N
33N
Frequency (GHz)
q vs Frequency: sIze 0201
0
20
40
60
0.01
0.1
1
10
Frequency (GHz)
1N5
3N3
6N8
10N
22N
33N
0
20
40
60
0.01
0.1
1
10
10
1N5
3N3
6N8
10N
22N
33N
Frequency (GHz)




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl