Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC1003 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT88SC1003
Description  Vpp Internally Generated for Single Voltage Operation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1003 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT88SC1003_14 Datasheet HTML 2Page - ATMEL Corporation AT88SC1003_14 Datasheet HTML 3Page - ATMEL Corporation AT88SC1003_14 Datasheet HTML 4Page - ATMEL Corporation AT88SC1003_14 Datasheet HTML 5Page - ATMEL Corporation AT88SC1003_14 Datasheet HTML 6Page - ATMEL Corporation AT88SC1003_14 Datasheet HTML 7Page - ATMEL Corporation AT88SC1003_14 Datasheet HTML 8Page - ATMEL Corporation AT88SC1003_14 Datasheet HTML 9Page - ATMEL Corporation AT88SC1003_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
2035C–SMEM–6/08
AT88SC1003
6.
Memory Zones
Table 6-1.
Memory Zones
Zone
Definition
Fabrication Zone
FZ (16 bits)
The 16-bit fabrication zone is programmed when the chip is manufactured and cannot be changed.
Application software may check this fabrication zone code to assure that the device was
manufactured by Atmel.
Issuer Zone
IZ (64 bits)
The 64-bit issuer zone is programmed by the card issuer during the personalization phase. It will
contain issuer-specific information, such as serial numbers and dates. This area becomes read-only
after the issuer fuse has been blown. Read access is always allowed in the issuer zone.
Security Code
SC (16 bits)
The security code is initially set by Atmel to protect the product during transportation to the card
issuer. During personalization, this code must be entered and verified by the AT88SC1003 to allow
access to the
EEPROM memory. After the security code has been verified, the code itself may be
changed in either security mode. The security code gives access to Application Zones 1, 2, and 3,
and also gives access to the code-protected zone area for erase and write. Verification of the security
code will set the internal flag SV to “1”. Atmel ships the device with a security code (transportation
code) pre-programmed. This protects against the unauthorized use of an unpersonalized device, and
should be written to a new value during initialization.
Security Code Attempts
Counter SCAC
(4 bits plus 12 unused bits)
The protocol for verification of the security code requires that the user write one of the first four bits of
the SCAC to a logic “0”. This allows the SCAC to count the number of consecutive incorrect
presentations of the security code. After four consecutive incorrect security code presentations, the
first four bits of the SCAC will all be written to “0”, and the user is permanently blocked from access to
the application zones, as well as to other areas controlled by the security code. After a successful
presentation of the security code, the entire 16-bit SCAC, including the four active bits, should be
erased. This verifies that the correct security code has been presented, since an erase operation in
this area is not allowed without SC verification. It also clears the SCAC bits in preparation for the next
use of the card. This erase operation will also clear the remaining 12 bits of the 16-bit SCAC word.
These 12 bits may be used in an application, although the entire 16-bit word will be erased if any bit in
the SCAC is erased.
Code Protected Zone
CPZ (64 bits)
Read access to this area is always allowed and does not require SC validation. The security code
must be correctly presented to allow write access to the code-protected zone.
Application Zone 1
AZ1 (256 bits)
AZ1 is intended to hold user application data. P1 (address 176) controls write access and R1
(address 177) controls read access within Zone 1. In Security Level 1, erasing AZ1 is accomplished
by performing an erase operation on any bit within AZ1, after verification of the security code (SV flag
= 1). This operation will erase the entire zone. In Security Level 2, erase operations are controlled by
both the SV flag and the erase key EZ1. See the erase definition in
Table 14-1 on page 16 for
specific details. There is no limit to the number of erase operations performed in AZ1. In Security
Level 1, write operations in AZ1 may be performed on single bits after verification of the security code.
In Security Level 2, the P1 bit must also be set to “1” to allow single bit write operations. Read
operations in Security Levels 1 and 2 are allowed if either R1 is set to “1” or the SV flag is set to “1” by
validating the security code.
Application Zone 1 Erase
Key EZ1 (48 bits)
The erase keys are passwords used to control erase operations within the application zones, after the
issuer fuse has been blown (Security Level 2). The erase key password is written during
personalization (Security Level 1), after verification of the security code. EZ1 can not be changed
after the issuer fuse is blown. In Security Level 2, AZ1 can be erased only after both the security code
and the EZ1 password have been validated. Verification of EZ1 will set the internal flag E1 to “1”.


Similar Part No. - AT88SC1003_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1003-10WI-00 ATMEL-AT88SC1003-10WI-00 Datasheet
334Kb / 30P
   Security Logic with Three Application Zones
More results

Similar Description - AT88SC1003_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8149MUV ROHM-BD8149MUV Datasheet
1Mb / 21P
   Gamma voltage generated IC
logo
Linear Technology
LT1312 LINER-LT1312_15 Datasheet
240Kb / 12P
   Single PCMCIA VPP Driver/Regulator
LT1312 LINER-LT1312 Datasheet
259Kb / 12P
   Single PCMCIA VPP Driver/Regulator
logo
National Semiconductor ...
CLC427 NSC-CLC427 Datasheet
130Kb / 8P
   Dual Voltage Feedback Amplifier for Single Supply Operation
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
Integrated Silicon Solu...
IS43QR85120A ISSI-IS43QR85120A Datasheet
181Kb / 1P
   Standard Voltage: VDD = VDDQ = 1.2V, VPP=2.5V
logo
Rohm
BD81010MUV ROHM-BD81010MUV Datasheet
1Mb / 22P
   Gamma voltage generated IC with built-in DAC
logo
Mitsumi Electronics, Co...
MM1349 MITSUMI-MM1349 Datasheet
76Kb / 3P
   Utilizing Technology for Low-Voltage Operation
logo
Microchip Technology
MIC4826 MICROCHIP-MIC4826 Datasheet
2Mb / 22P
   Low Input Voltage, 160 VPP Output Voltage, EL Driver
09/14/21
logo
Keysight Technologies
33502A KEYSIGHT-33502A Datasheet
177Kb / 5P
   50 Vpp Isolated Ampliier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com