Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVD4806NT4G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NVD4806NT4G
Description  30 V, 76 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD4806NT4G Datasheet(HTML) 8 Page - ON Semiconductor

  NVD4806NT4G Datasheet HTML 1Page - ON Semiconductor NVD4806NT4G Datasheet HTML 2Page - ON Semiconductor NVD4806NT4G Datasheet HTML 3Page - ON Semiconductor NVD4806NT4G Datasheet HTML 4Page - ON Semiconductor NVD4806NT4G Datasheet HTML 5Page - ON Semiconductor NVD4806NT4G Datasheet HTML 6Page - ON Semiconductor NVD4806NT4G Datasheet HTML 7Page - ON Semiconductor NVD4806NT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NTD4806N, NVD4806N
http://onsemi.com
8
PACKAGE DIMENSIONS
3.5 MM IPAK, STRAIGHT LEAD
CASE 369AD
ISSUE B
b
D
L
E
E3
L2
b1
e
3X
A1
A
A1
A2
DIM
MIN
MAX
MILLIMETERS
A
2.19
2.38
A1
0.46
0.60
A2
0.87
1.10
b
0.69
0.89
b1
0.77
1.10
D
5.97
6.22
e
2.28 BSC
D2
4.80
−−−
E
6.35
6.73
E2
4.57
5.45
E3
4.45
5.46
L
3.40
3.60
L1
−−−
2.10
NOTES:
1.. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2.. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30mm FROM TERMINAL TIP.
4. DIMENSIONS D AND E DO NOT INCLUDE
MOLD GATE OR MOLD FLASH.
T
SEATING
D2
E2
OPTIONAL
CONSTRUCTION
PLANE
L1
L2
0.89
1.27
2X
M
0.13
T
D2
E2
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NTD4806N/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NVD4806NT4G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NVD4806NT4G VBSEMI-NVD4806NT4G Datasheet
1,002Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NVD4806NT4G ONSEMI-NVD4806NT4G Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
More results

Similar Description - NVD4806NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4970NT4G ONSEMI-NTD4970NT4G Datasheet
113Kb / 7P
   30 V, 36 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 1
NTD4970N-35G ONSEMI-NTD4970N-35G Datasheet
123Kb / 7P
   30 V, 36 A, Single N?묬hannel, DPAK/IPAK
June, 2011 ??Rev. 0
NTD4979NT4G ONSEMI-NTD4979NT4G Datasheet
123Kb / 7P
   30 V, 41 A, Single N?묬hannel, DPAK/IPAK
January, 2012 ??Rev. 0
NVD4815N ONSEMI-NVD4815N Datasheet
168Kb / 8P
   30 V, 35 A, Single N?묬hannel, DPAK/IPAK
October, 2011 ??Rev. 7
NTD4806N ONSEMI-NTD4806N Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com