Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4806N Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD4806N
Description  30 V, 76 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4806N Datasheet(HTML) 6 Page - ON Semiconductor

  NTD4806N Datasheet HTML 1Page - ON Semiconductor NTD4806N Datasheet HTML 2Page - ON Semiconductor NTD4806N Datasheet HTML 3Page - ON Semiconductor NTD4806N Datasheet HTML 4Page - ON Semiconductor NTD4806N Datasheet HTML 5Page - ON Semiconductor NTD4806N Datasheet HTML 6Page - ON Semiconductor NTD4806N Datasheet HTML 7Page - ON Semiconductor NTD4806N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTD4806N, NVD4806N
http://onsemi.com
6
TYPICAL PERFORMANCE CURVES
Figure 13. Avalanche Characteristics
1000
1
100
PULSE WIDTH (
ms)
10
10
125
°C
1
100
100
°C
25
°C
Figure 14. Thermal Response
t, TIME (
ms)
0.1
1.0
0.01
0.1
0.2
0.02
D = 0.5
0.05
0.01
SINGLE PULSE
RqJC(t) = r(t) RqJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
1.0E+00
1.0E+01
1.0E-01
1.0E-02
1.0E-03
1.0E-04
1.0E-05
ORDERING INFORMATION
Order Number
Package
Shipping
NTD4806NT4G
DPAK
(Pb−Free)
2500 / Tape & Reel
NTD4806N−35G
IPAK Trimmed Lead
(3.5
± 0.15 mm)
(Pb−Free)
75 Units / Rail
NVD4806NT4G
DPAK
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTD4806N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4806N ONSEMI-NTD4806N Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
logo
SHENZHEN DOINGTER SEMIC...
NTD4806N DOINGTER-NTD4806N Datasheet
888Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
ON Semiconductor
NTD4806N ONSEMI-NTD4806N Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4806N-1G ONSEMI-NTD4806N-1G Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
logo
VBsemi Electronics Co.,...
NTD4806N-1G VBSEMI-NTD4806N-1G Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD4806N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4970NT4G ONSEMI-NTD4970NT4G Datasheet
113Kb / 7P
   30 V, 36 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 1
NTD4970N-35G ONSEMI-NTD4970N-35G Datasheet
123Kb / 7P
   30 V, 36 A, Single N?묬hannel, DPAK/IPAK
June, 2011 ??Rev. 0
NTD4979NT4G ONSEMI-NTD4979NT4G Datasheet
123Kb / 7P
   30 V, 41 A, Single N?묬hannel, DPAK/IPAK
January, 2012 ??Rev. 0
NVD4815N ONSEMI-NVD4815N Datasheet
168Kb / 8P
   30 V, 35 A, Single N?묬hannel, DPAK/IPAK
October, 2011 ??Rev. 7
NTD4806N ONSEMI-NTD4806N Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com