Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE428 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NTE428
Description  HARDWARE ACCESSORIES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NTE428 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NTE428 Datasheet HTML 1Page - List of Unclassifed Manufacturers NTE428 Datasheet HTML 2Page - List of Unclassifed Manufacturers NTE428 Datasheet HTML 3Page - List of Unclassifed Manufacturers NTE428 Datasheet HTML 4Page - List of Unclassifed Manufacturers NTE428 Datasheet HTML 5Page - List of Unclassifed Manufacturers NTE428 Datasheet HTML 6Page - List of Unclassifed Manufacturers NTE428 Datasheet HTML 7Page - List of Unclassifed Manufacturers NTE428 Datasheet HTML 8Page - List of Unclassifed Manufacturers NTE428 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HARDWARE & ACCESSORIES
See Diagrams, beginning on Page 1
−377
1
−376
NTE Electronics, Inc.
D Voice (973) 748−5089 D FAX (973) 748−6224 D http://www.nteinc.com
NTE Type
Number
Diagram
Number
Quantity
Per Pkg
SEMICONDUCTOR HEAT SINKS
NTE400
362
2
Heat Sink for TO5/TO39 Type Package
NTE401
352
2
Heat Sink for TO5/TO39 Type Package
NTE402
363
2
Heat Sink for Mounting 2 Plastic Power Types (TO3P, TO126, TO127, TO202, TO218, TO220)
NTE403
364
2
Heat Sink for Mounting 1 Plastic Power Type (TO3P, TO126, TO127, TO202, TO218, TO220)
NTE404
365
1
Heat Sink for TO66 Type Package (Includes Base and Top Piece)
NTE405
366
1
Heat Sink for TO3 Type Package (Includes Base and Top Piece)
NTE406
373
2
Heat Sink for TO202 Type Package
NTE406A
727
2
Heat Sink for TO220 Type Package
NTE410
354
2
Heat Sink for TO1 Type Package
NTE411
345
2
Stud Mount Heat Sink for TO5/TO39 Type Package
NTE412
367
2
Heat Sink for TO18 Type Package
NTE440A
520
1
Heat Sink, Undrilled Mounting Surface
NTE440B
520
1
Heat Sink, Drilled Mounting Surface for TO3, TO48, TO66, TO126, TO127, TO220, DO5 Type Packages
NTE440C
520
1
Heat Sink, Drilled Mounting Surface for TO3, TO36, TO64, DO4 Type Packages
NTE441A
521
1
Heat Sink, Drilled Mounting Surface for Solid State Relays
NTE441B
521
1
Heat Sink, Undrilled Mounting Surface
NTE442C
1
Heat Sink, Undrilled Mounting Surface
NTE448B
425
2
Heat Sink for 14/16 Lead DIP Type Package
NTE448E
426
2
Heat Sink for 24 Lead DIP Type Package
NTE448G
427
2
Heat Sink for 40 Lead DIP Type Package
NTE450A
420
1
Heat Sink for 14 Lead DIP Type Package
NTE493
612
1
Heat Sink for TO126 Type Package
NTE494
613
1
Heat Sink for TO220 Type Package
NTE495
614
1
Heat Sink for Plastic Power Type Packages
NTE496
615
1
Heat Sink for Plastic Power Type Packages
NTE497
616
1
Heat Sink for TO220 Type Package
NTE498
617
1
Heat Sink for Plastic Power Type Packages
HEAT SINK COMPOUND
NTE303
482
5
Silicone Thermal Compound, 1 Gram/Tube
NTE303A
623
1
Silicone Thermal Compound, 1 oz/Plunger Tube
NTE424
623
1
Non
−Silicone Heat Sink Compound, 1 oz/Plunger Tube
NTE425
3
Thermal Interface Pad, Self
−Adhesive, 1.65” x 1.65”
NTE434
624
1
Non
−Corrosive Adhesive/Sealant, 2 oz/Squeeze Tube
INSULATOR KITS
(Each Kit Includes Mica Insulator & Nylon Bushings)
NTE413
2
Insulator Kit for TO3 Type Package
NTE414
2
Insulator Kit for TO36 Type Package (Includes Lock Washer, Solder Lug, and Nut)
NTE415
2
Insulator Kit for TO66 Type Package
NTE422
2
Insulator Kit for TO220 (Plastic TO66) Type Package
NTE438
1
Insulator Kit for DO4/TO64 Stud Type Package (Includes Flat Washer, Solder Lug, and Nut)
NTE439
1
Insulator Kit for DO5/TO48 Stud Type Package (Includes Flat Washer, Lock Washer, Solder Lug, and Nut)
SOCKETS
NTE209
355
2
Socket for TO3 Type Package
NTE409
356
2
Socket for 14 Lead DIP Type Package
NTE416
357
2
Socket for 16 Lead DIP Type Package
NTE417
368
2
Socket for 3 Lead TO18/TO92 Type Package
NTE419
370
2
Socket for 3 Lead TO5/TO39 Type Package (NOTE: Housing color may vary)
NTE421
372
2
Socket for TO66 Type Package
NTE423
353
2
Socket for 8 Lead DIP Type Package


Similar Part No. - NTE428

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE424 NTE-NTE424 Datasheet
45Kb / 5P
   Non-Silicone Heat Sink Compound
More results

Similar Description - NTE428

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT4002 ETC-AT4002 Datasheet
3Mb / 34P
   Accessories Hardware
AT4150A ETC-AT4150A Datasheet
3Mb / 33P
   Accessories & Hardware
AT712 ETC2-AT712 Datasheet
3Mb / 33P
   Accessories Hardware
A632-3 ETC2-A632-3 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
Tyco Electronics
2-1437402-4 MACOM-2-1437402-4 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
logo
List of Unclassifed Man...
A631-2 ETC2-A631-2 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
Tyco Electronics
2-1437402-7 MACOM-2-1437402-7 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
logo
List of Unclassifed Man...
A465 ETC2-A465 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
A180-6 ETC2-A180-6 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
CONEC Elektronische Bau...
160X10259X CONEC-160X10259X Datasheet
76Kb / 1P
   D-SUB Hardware accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com