Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT91RM9200
Description  Low Power: On VDDCORE 24.4 mA in Normal Mode, 520 關A in Standby Mode
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT91RM9200_14 Datasheet HTML 1Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 2Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 3Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 4Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 5Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 6Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 7Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 8Page - ATMEL Corporation AT91RM9200_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 701 page
background image
4
1768MS–ATARM–09-Jul-09
AT91RM9200
3.
Signal Description
Table 3-1.
Signal Description by Peripheral
Pin Name
Function
Type
Active
Level
Comments
Power
VDDIOM
Memory I/O Lines Power Supply
Power
3.0V to 3.6V
VDDIOP
Peripheral I/O Lines Power Supply
Power
3.0V to 3.6V
VDDPLL
Oscillator and PLL Power Supply
Power
1.65V to 1.95V
VDDCORE
Core Chip Power Supply
Power
1.65V to 1.95V
VDDOSC
Oscillator Power Supply
Power
1.65V to 1.95V
GND
Ground
Ground
GNDPLL
PLL Ground
Ground
GNDOSC
Oscillator Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Crystal Input
Input
XOUT
Main Crystal Output
Output
XIN32
32KHz Crystal Input
Input
XOUT32
32KHz Crystal Output
Output
PLLRCA
PLL A Filter
Input
PLLRCB
PLL B Filter
Input
PCK0 - PCK3
Programmable Clock Output
Output
ICE and JTAG
TCK
Test Clock
Input
Schmitt trigger
TDI
Test Data In
Input
Internal Pull-up, Schmitt trigger
TDO
Test Data Out
Output
Tri-state
TMS
Test Mode Select
Input
Internal Pull-up, Schmitt trigger
NTRST
Test Reset Signal
Input
Low
Internal Pull-up, Schmitt trigger
JTAGSEL
JTAG Selection
Input
Schmitt trigger
ETM
TSYNC
Trace Synchronization Signal
Output
TCLK
Trace Clock
Output
TPS0 - TPS2
Trace ARM Pipeline Status
Output
TPK0 - TPK15
Trace Packet Port
Output
Reset/Test
NRST
Microcontroller Reset
Input
Low
No on-chip pull-up, Schmitt trigger
TST0 - TST1
Test Mode Select
Input
Must be tied low for normal
operation, Schmitt trigger


Similar Part No. - AT91RM9200_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200 ATMEL-AT91RM9200_14 Datasheet
769Kb / 41P
   200 MIPS at 180 MHz, Memory Management Unit
More results

Similar Description - AT91RM9200_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6831 ATMEL-ATA6831_10 Datasheet
399Kb / 17P
   Very Low Quiescent Current IVS < 5 關A in Standby Mode over Total Temperature Range
logo
Infineon Technologies A...
ICE2QS03G INFINEON-ICE2QS03G_14 Datasheet
1Mb / 24P
   Active burst mode for low standby power
V2.3, 2014-03-06
logo
ON Semiconductor
NCP1230A ONSEMI-NCP1230A Datasheet
2Mb / 21P
   Low--Standby Power Soft Skip Mode Controller
December, 2010 -- Rev. 7
logo
Sumida Corporation
BM27 SUMIDA-BM27 Datasheet
142Kb / 1P
   NORMAL MODE CHOKES
logo
Productwell Precision E...
DMCT1006-001 PRODUCTWELL-DMCT1006-001 Datasheet
91Kb / 1P
   NORMAL MODE CHOKE
logo
Sumida Corporation
SLF0912 SUMIDA-SLF0912 Datasheet
221Kb / 1P
   NORMAL MODE CHOKES
logo
Holt Integrated Circuit...
HI-5000 HOLTIC-HI-5000 Datasheet
88Kb / 13P
   1Mbps CAN Transceiver with Low Power Standby Mode
logo
Rohm
BD1484EFJ ROHM-BD1484EFJ Datasheet
565Kb / 20P
   Low Standby Current during Shutdown Mode
BD1482EFJ ROHM-BD1482EFJ Datasheet
568Kb / 20P
   Low Standby Current during Shutdown Mode
logo
STMicroelectronics
AN2484 STMICROELECTRONICS-AN2484 Datasheet
674Kb / 10P
   STOTG04 in power down mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com