Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST16035L Datasheet(PDF) 3 Page - GeneSiC Semiconductor, Inc.

Part # FST16035L
Description  Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

FST16035L Datasheet(HTML) 3 Page - GeneSiC Semiconductor, Inc.

  FST16035L Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. FST16035L Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. FST16035L Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package dimensions and terminal configuration
Product is marked with part number and terminal configuration.
FST16035L
F
H
P
J
G
C
B
A
L
E
Q
M
R
N
D
K
12
3
Inches
Millimeters
Min
Max
Min
Max
A
1.995
2.005
50.67
50.93
B
0.300
0.325
7.62
8.26
C
0.495
0.505
12.57
12.83
D
0.182
0.192
4.62
4.88
E
0.990
1.010
25.15
26.65
F
2.390
2.410
60.71
61.21
G
1.495
1.525
37.90
38.70
H
0.114
0.122
2.90
3.10
J
-----
0.420
-----
10.67
K
0.256
0.275
6.5
7.0
L
0.490
0.510
12.45
12.95
M
0.330
0.350
8.38
8.90
N
0.175
0.195
4.45
4.95
P
0.035
0.045
0.89
1.14
R
0.445
0.455
11.30
11.56
Q
0.890
0.910
22.61
23.11
www.genesicsemi.com/silicon-products/schottky-rectifiers/
3


Similar Part No. - FST16035L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST16035 MCC-FST16035 Datasheet
133Kb / 3P
   160 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Microsemi Corporation
FST16035 MICROSEMI-FST16035 Datasheet
153Kb / 2P
   Schottky PowerMod
logo
TRANSYS Electronics Lim...
FST16035 TEL-FST16035 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 160A
logo
Microsemi Corporation
FST16035 MICROSEMI-FST16035 Datasheet
122Kb / 2P
   Schottky Powermod
logo
GeneSiC Semiconductor, ...
FST16035 GENESIC-FST16035 Datasheet
369Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - FST16035L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
   Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
   SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
   Schottky Diode
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
   SCHOTTKY DIODE
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
   SCHOTTKY DIODE
logo
SHENZHEN YONGERJIA INDU...
BAS40 WINNERJOIN-BAS40 Datasheet
76Kb / 1P
   SCHOTTKY DIODE
BAS70-04 WINNERJOIN-BAS70-04 Datasheet
124Kb / 2P
   SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
   Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com