Selected language     English  β–Ό


S-1000A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. S-1000A
Description  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
β–  Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
S-1000A/2000A
ROTARY CODED SWITCHES
β– 
LIST OF PART NUMBERS
Shape
Form of packging
Binary coded decimal
Binary coded hexadecimal
Real code
Complementary code
Real code
Complementary code
Top
setting
Side
setting
S-2010AW
S-2030AW
S-1010AW
S-1030AW
S-2010A
S-2030A
S-1010A
S-1030A
S-2110AW
S-2130AW
S-1110AW
S-1130AW
S-2110A
S-2130A
S-1110A
S-1130A
S-2210AW
S-2230AW
S-1210AW
S-1230AW
S-2210A
S-2230A
S-1210A
S-1230A
S-2011AW
S-2031AW
S-1011AW
S-1031AW
S-2011A
S-2031A
S-1011A
S-1031A
S-2111AW
S-2131AW
S-1111AW
S-1131AW
S-2111A
S-2131A
S-1111A
S-1131A
S-2211AW
S-2231AW
S-1211AW
S-1231AW
S-2211A
S-2231A
S-1211A
S-1231A
Pieces in
package
50 pcs./tray
25 pcs./pack
50 pcs./tray
25 pcs./pack
50 pcs./tray
25 pcs./pack
50 pcs./tray
25 pcs./pack
50 pcs./tray
25 pcs./pack
50 pcs./tray
25 pcs./pack
β€» Verify the above part numbers when placing orders.
Tray version can be supplied only in tray units.
Without knob
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
With knob
Translucent knob
with flange
With knob
Translucent knob
with flange
Without knob
β– 
TERMINAL CONNECTION / P.C.B. THROUGH HOLE DIMENSIONS
(Unit: mm)
Terminal pin layout
(Bottom view)
P.C.B. dimensions
(Bottom view)
Top setting
Side setting
2.54
Β±0.1
5 –
0.8 hole
S – 1000A/2000A case
2.54
Β±0.1
S – 1000A/2000A case
Operating face
Ο†
5 –
0.8 hole
Ο†
8 4 2 1
C
Real code
8 4 21
Complementary code
842 1
842 1
C
CC
Operating face
of real code
Operating face of
complementary code
β– 
CODE FORMAT
No. of positions
S-1000A series (16 positions)
S-2000A series (10 positions)
Position
0
123456789
A
B
C
D
EF
●●●
●●●●●
●
●●●
●●●●
●●
●●
●
●
●●
●●
●●●
●●●
●●●●●
●●●
●●●●
●●●
●
●●
●
●
●●
●●
●●●
●●●
●●
Code
Real code
8
4
2
1
8
4
2
1
Complemen-
tary code
● …Contact closed




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl