Selected language     English  ▼


S-1000A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. S-1000A
Description  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 3 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
STANDARD SPECIFICATIONS
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
BCD (Real code, complementary code)
BCH (Real code, complementary code)
−40 ~ 85 °C
Washable by “O” ring
Approx. 0.87 g
(S-1010A, S-1030A, S-2010A, S-2030A)
Approx. 1.13 g
(S-1011A, S-1031A, S-2011A, S-2031A)
Approx. 0.97 g
(S-1110A, S-1130A, S-2110A, S-2130A)
Approx. 1.23 g
(S-1111A, S-1131A, S-2111A, S-2131A)
Approx. 1.02 g
(S-1210A, S-1230A, S-2210A, S-2230A)
Approx. 1.28 g
(S-1211A, S-1231A, S-2211A, S-2231A)
No. of positions
Adjustment torque
Stepping angle
Terminal strength
Solderability
16 (S-1000A), 10 (S-2000A)
13 mN·m {133 gf·cm} minimum
22.5° (S-1000A), 36° (S-2000A)
245
± 3 °C, 2 ~ 3 s
15 N {1.53 kgf} minimum
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC5 V 100 mA
DC20 mV 1
μA
1000 M
Ω (DC100 V) minimum
100 m
Ω maximum
AC300 V, 60 s
Shock
Load life
Humidity (Steady state)
High temperature exposure
Low temperature exposure
Thermal shock
Amplitude 1.5 mm or Acceleration 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
10000 steps
DC5 V, 100 mA
85 °C, 1000 h
Resistance load DC50V 100mA
60 °C, Relative humidity 90 ~ 95 %, 1000 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C ( 0.5 h ), 5 cycles
MECHANICAL CHARACTERISTICS
ENVIRONMENTAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Vibration
{ } : Reference only
Flow : 260
± 3 °C as the temperature in
a pot of molten solder, immer-
sion from head of terminal to
backside of board, 5 ~ 6 s, two
times maximum
Soldering heat
Manual soldering
380
± 10 °C, 3 ~ 4 s
S-1000A/2000A
ROTARY CODED SWITCHES




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl