Selected language     English  ▼


S-1000A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. S-1000A
Description  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 5 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
(S-2000A series)
● S-2010A
● S-2030A
Top setting
● S-2011A
● S-2031A
Side setting
● S-2110A
● S-2130A
Top setting
● S-2111A
● S-2131A
Side setting
10
±0.2
0.6 W
× 2.6 L × 1.7 D
Part No. & Production date code
3
2
7
4.5
±0.5
7.62
C
8
4
2
1
5
10
±0.2
5 – 0.5
±0.1
t = 0.2
2.54
11.5
6
5.08
2.54
2.54
8
4
2
1
C
0.6 W
× 2.6 L × 1.7 D
Part No. & Production date code
4
6
3
2
10
±0.2
0.7 W
× 1 D
Part No. & Production date code
7.62
C
8
4
2
1
7
0.5
4.5
±0.5
M = 0.2
Straight knurl
6.6
6
5
4
10
±0.2
5 – 0.5
±0.1
t = 0.2
2.54
18.1
12.6
5.08
2.54
2.54
8
4
21
0.7 W
× 1 D
Part No. & Production date code
6.6
M = 0.2
Straight knurl
6.5
C
S-1000A/2000A
ROTARY CODED SWITCHES




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl