Selected language     English  ▼


S-1000A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. S-1000A
Description  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
FEATURES
● RoHS compliant
● Protection against dust and whole cleaning after
soldering is possible
● Pin compatible with conventional DIP switches
● Translucent knob with flange type (S-1200A/2200A
series)
• Distinguished visibility with translucent flange
• Settable with fingers or screwdriver
Part name
Insert rotor
Translucent
knob with flange
Base
Housing
Contact
“O” ring
Terminal pin
Material
Flammability
UL-94HB
UL-94HB
UL-94V-2
PBT(
Polybutyleneterephthalate)
Silicone rubber
PBT(
Polybutyleneterephthalate)
Copper alloy, Gold-plated
Rotor : Polyoxymethylene
Pattern : Copper alloy, Gold-plated
PAR(Polyarylate
※S-12□□A/22□□Aのみ
S-12□□A/22□□A only
PART NUMBER DESIGNATION
INTERNAL STRUCTURE
S-1000A / 2000A series
S - 1 0 1 0 A W
No. of positions
Shape of rotor
0Without knob
1With knob (with extended shaft)
2Translucent knob with flange (Black housing)
Form of packaging
Code format
WTray packaging
BlankBulk in plastic bag
Setting position
0Top setting
1Side setting
1Real code
3Complementary code
※Please refer to the LIST OF PART NUMBERS when placing orders.
116 positions
210 positions
S-1000A/2000A
ROTARY CODED SWITCHES
RoHS compliant
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl