Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2000A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 2000A
Description  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2000A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  2000A Datasheet HTML 1Page - List of Unclassifed Manufacturers 2000A Datasheet HTML 2Page - List of Unclassifed Manufacturers 2000A Datasheet HTML 3Page - List of Unclassifed Manufacturers 2000A Datasheet HTML 4Page - List of Unclassifed Manufacturers 2000A Datasheet HTML 5Page - List of Unclassifed Manufacturers 2000A Datasheet HTML 6Page - List of Unclassifed Manufacturers 2000A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
(S-2000A series)
● S-2010A
● S-2030A
Top setting
● S-2011A
● S-2031A
Side setting
● S-2110A
● S-2130A
Top setting
● S-2111A
● S-2131A
Side setting
10
±0.2
0.6 W
× 2.6 L × 1.7 D
Part No. & Production date code
3
2
7
4.5
±0.5
7.62
C
8
4
2
1
5
10
±0.2
5 – 0.5
±0.1
t = 0.2
2.54
11.5
6
5.08
2.54
2.54
8
4
2
1
C
0.6 W
× 2.6 L × 1.7 D
Part No. & Production date code
4
6
3
2
10
±0.2
0.7 W
× 1 D
Part No. & Production date code
7.62
C
8
4
2
1
7
0.5
4.5
±0.5
M = 0.2
Straight knurl
6.6
6
5
4
10
±0.2
5 – 0.5
±0.1
t = 0.2
2.54
18.1
12.6
5.08
2.54
2.54
8
4
21
0.7 W
× 1 D
Part No. & Production date code
6.6
M = 0.2
Straight knurl
6.5
C
S-1000A/2000A
ROTARY CODED SWITCHES


Similar Part No. - 2000A

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2000AT18A0075 JOHANSON-2000AT18A0075 Datasheet
500Kb / 3P
   2 GHz Antenna
More results

Similar Description - 2000A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com