Electronic Components Datasheet Search |
|
FR12D05 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc. |
|
FR12D05 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc. |
1 / 3 page VRRM = 100 V - 600 V IF = 12 A Features • High Surge Capability DO-4 Package • Not ESD Sensitive Note: 1. Standard polarity: Stud is cathode. 3. Stud is base. Parameter Symbol FR12B(R)05 FR12D(R)05 FR12G(R)05 Unit Repetitive peak reverse voltage VRRM 100 200 400 V RMS reverse voltage VRMS 70 140 280 V 2. Reverse polarity (R): Stud is anode. • Types from 100 V to 600 V VRRM FR12B05 thru FR12JR05 Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed) Conditions Silicon Fast Recovery Diode FR12J(R)05 600 420 DC blocking voltage VDC 100 200 400 V Continuous forward current IF 12 12 12 A Operating temperature Tj -55 to 150 -55 to 150 -55 to 150 °C Storage temperature Tstg -55 to 150 -55 to 150 -55 to 150 °C Parameter Symbol FR12B(R)05 FR12D(R)05 FR12G(R)05 Unit Diode forward voltage 0.8 0.8 0.8 25 25 25 μA 66 6 mA Recovery Time Maximum reverse recovery time TRR 500 500 500 nS Thermal characteristics Thermal resistance, junction - case RthJC 2.0 2.0 2.0 °C/W Reverse current IR VF IF,SM 180 IF=0.5 A, IR=1.0 A, IRR= 0.25 A VR = 100 V, Tj = 150 °C V VR = 100 V, Tj = 25 °C IF = 12 A, Tj = 25 °C TC ≤ 100 °C Conditions 180 180 TC = 25 °C, tp = 8.3 ms Electrical characteristics, at Tj = 25 °C, unless otherwise specified Surge non-repetitive forward current, Half Sine Wave 25 6 500 2.0 A 180 -55 to 150 -55 to 150 FR12J(R)05 0.8 600 12 www.genesicsemi.com/silicon-products/fast-recovery-rectifiers/ 1 |
Similar Part No. - FR12D05 |
|
Similar Description - FR12D05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |