Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25020A Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT25020A
Description  SerialPeripheralInterface(SPI)Compatible
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25020A Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT25020A_14 Datasheet HTML 2Page - ATMEL Corporation AT25020A_14 Datasheet HTML 3Page - ATMEL Corporation AT25020A_14 Datasheet HTML 4Page - ATMEL Corporation AT25020A_14 Datasheet HTML 5Page - ATMEL Corporation AT25020A_14 Datasheet HTML 6Page - ATMEL Corporation AT25020A_14 Datasheet HTML 7Page - ATMEL Corporation AT25020A_14 Datasheet HTML 8Page - ATMEL Corporation AT25020A_14 Datasheet HTML 9Page - ATMEL Corporation AT25020A_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
5087E–SEEPR–7/09
AT25010A/020A/040A/080A
5.
Functional Description
The AT25010A/020A/040A is designed to interface directly with the synchronous serial periph-
eral interface (SPI) of the 6805 and 68HC11 series of microcontrollers.
The AT25010A/020A/040A utilizes an 8-bit instruction register. The list of instructions and their
operation codes are contained in Table 5-1. All instructions, addresses, and data are transferred
with the MSB first and start with a high-to-low CS transition.
Note:
“A” represents MSB address bit A8.
WRITE ENABLE (WREN): The device will power up in the write disable state when V
CC is
applied. All programming instructions must therefore be preceded by a Write Enable instruction.
The WP pin must be held high during a WREN instruction.
WRITE DISABLE (WRDI): To protect the device against inadvertent writes, the Write Disable
instruction disables all programming modes. The WRDI instruction is independent of the status
of the WP pin.
READ STATUS REGISTER (RDSR): The Read Status Register instruction provides access to
the status register. The READY/BUSY and Write Enable status of the device can be determined
by the RDSR instruction. Similarly, the block write protection bits indicate the extent of protection
employed. These bits are set by using the WRSR instruction.
Table 5-1.
Instruction Set for the AT25010A/020A/040A
Instruction Name
Instruction Format
Operation
WREN
0000 X110
Set Write Enable Latch
WRDI
0000 X100
Reset Write Enable Latch
RDSR
0000 X101
Read Status Register
WRSR
0000 X001
Write Status Register
READ
0000 A011
Read Data from Memory Array
WRITE
0000 A010
Write Data to Memory Array
Table 5-2.
Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
X
BP1
BP0
WEN
RDY


Similar Part No. - AT25020A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
352Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results

Similar Description - AT25020A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_14 Datasheet
526Kb / 18P
   SerialPeripheralInterface(SPI)Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
499Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT25128A ATMEL-AT25128A_14 Datasheet
499Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT25640A ATMEL-AT25640A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
AT25010A ATMEL-AT25010A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25128A ATMEL-AT25128A_14 Datasheet
477Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com