Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR092-C Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATAR092-C
Description  Up to 7 External/Internal Interrupt Sources
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092-C Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATAR092-C_14 Datasheet HTML 5Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 6Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 7Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 8Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 9Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 10Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 11Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 12Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
9
4593D–4BMCU–05/06
ATAR092-C/ATAR892-C
4.2.7.2
Interrupt Latency
The interrupt latency is the time from the occurrence of the interrupt to the interrupt service rou-
tine being activated. In MARC4 this is extremely short (taking between 3 to 5 machine cycles
depending on the state of the core).
Figure 4-6.
Interrupt Handling
7
6
5
4
3
2
1
0
INT5 active
INT7 active
INT2 pending
SWI0
INT2 active
INT0 pending
INT0 active
INT2
RTI
RTI
INT5
INT3 active
INT3
RTI
RTI
RTI
INT7
Time
Main/
Autosleep
Main/
Autosleep
Table 4-1.
Interrupt Priority Table
Interrupt
Priority
ROM Address
Interrupt Opcode
Function
INT0
Lowest
040h
C8h (SCALL 040h)
Software interrupt (SWI0)
INT1
|
080h
D0h (SCALL 080h)
External hardware interrupt, any edge at BP52 or
BP53
INT2
|
0C0h
D8h (SCALL 0C0h)
Timer 1 interrupt
INT3
|
100h
E8h (SCALL 100h)
SSI interrupt or external hardware interrupt at BP40 or
BP43
INT4
|
140h
E8h (SCALL 140h)
Timer 2 interrupt
INT5
|
180h
F0h (SCALL 180h)
Timer 3 interrupt
INT6
1C0h
F8h (SCALL 1C0h)
External hardware interrupt, at any edge at BP50 or
BP51
INT7
Highest
1E0h
FCh (SCALL 1E0h)
Voltage Monitor (VM) interrupt


Similar Part No. - ATAR092-C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR092-C ATMEL-ATAR092-C Datasheet
1Mb / 108P
   Low-current Microcontroller for Wireless Communication
More results

Similar Description - ATAR092-C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR092-D ATMEL-ATAR092-D_14 Datasheet
1Mb / 96P
   Up to 7 External/Internal Interrupt Sources
ATAR890-C ATMEL-ATAR890-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR090 ATMEL-ATAR090_14 Datasheet
913Kb / 75P
   Up to 6 External/Internal Interrupt Sources
ATAR090-C ATMEL-ATAR090-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR090-D ATMEL-ATAR090-D_14 Datasheet
876Kb / 70P
   Up to 6 External/Internal Interrupt Sources
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3050 AVAGO-ADNS-3050 Datasheet
393Kb / 30P
   External Interrupt Output for Motion Detection
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com