Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF750LVC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF750LVC
Description  Product Term or Direct Input Pin Clocking
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF750LVC_14 Datasheet HTML 1Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 2Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 3Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 4Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 5Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 6Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 7Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 8Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
1447F–PLD–11/08
ATF750LVC
3.
Pin Configurations
Each of the ATF750LVC’s 22 logic pins can be used as an input. Ten of these can be used as
inputs, outputs or bi-directional I/O pins. Each flip-flop is individually configurable as either
D- or T-type. Each flip-flop output is fed back into the array independently. This allows burying
of all the sum terms and flip-flops.
There are 171 total product terms available. There are two sum terms per output, providing
added flexibility. A variable format is used to assign between four to eight product terms per
sum term. Much more logic can be replaced by this device than by any other 24-pin PLD. With
20 sum terms and flip-flops, complex state machines are easily implemented with logic to
spare.
Product terms provide individual clocks and asynchronous resets for each flip-flop. Each flip-
flop may also be individually configured to have direct input pin controlled clocking. Each out-
put has its own enable product term. One product term provides a common synchronous
preset for all flip-flops. Register preload functions are provided to simplify testing. All registers
automatically reset upon power-up.
Pin Name
Function
CLK
Clock
IN
Logic Inputs
I/O
Bi-directional Buffers
GND
Ground
VCC
3V to 5.5V Supply
3.1
PLCC
Note:
1. For PLCC, pins 1, 8, 15, and 22 can
be left unconnected. For superior
performance, connect VCC to pin 1
and GND to pins 8, 15, and 22.
3.2
DIP/SOIC/TSSOP
5
6
7
8
9
10
11
25
24
23
22
21
20
19
IN
IN
IN
GND(1)
IN
IN
IN
I/O
I/O
I/O
GND(1)
I/O
I/O
I/O
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN


Similar Part No. - ATF750LVC_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC-15JC ATMEL-ATF750LVC-15JC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15JI ATMEL-ATF750LVC-15JI Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15JU ATMEL-ATF750LVC-15JU Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF750LVC-15PC ATMEL-ATF750LVC-15PC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15PI ATMEL-ATF750LVC-15PI Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
More results

Similar Description - ATF750LVC_14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9164 ETC2-9164 Datasheet
154Kb / 1P
   ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs DIRECT PIN OUT OR ADD ADDITIONAL COMPONENTS
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
logo
List of Unclassifed Man...
9163 ETC2-9163 Datasheet
153Kb / 1P
   ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs DIRECT PINOUT OR ADD ADDITIONAL COMPONENTS
logo
IK Semicon Co., Ltd
IL8190 IKSEMICON-IL8190 Datasheet
493Kb / 13P
   Direct Sensor Input
logo
Texas Instruments
SN74LV4T86-EP TI1-SN74LV4T86-EP_V01 Datasheet
1Mb / 23P
[Old version datasheet]   SN74LV4T86-EP Enhanced Product, Quadruple 2-Input Exclusive-OR Gates
NOVEMBER 2023
SN74LV4T86-EP TI-SN74LV4T86-EP Datasheet
959Kb / 18P
[Old version datasheet]   SN74LV4T86-EP Enhanced Product, Quadruple 2-Input Exclusive-OR Gates
NOVEMBER 2023
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426_16 Datasheet
375Kb / 25P
   DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
logo
Linear Technology
LTC6951 LINER-LTC6951 Datasheet
524Kb / 6P
   Multichannel JESD204B ADC with Clocking
logo
Silicon Laboratories
AN663 SILABS-AN663 Datasheet
84Kb / 12P
   PRECISION32??MCU FAMILY CLOCKING OPTIONS
logo
Glenair, Inc.
370MS037 GLENAIR-370MS037 Datasheet
160Kb / 1P
   Direct or Rotatable Coupling Environmental Backshell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com