Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32344E4102A040 Datasheet(PDF) 6 Page - TDK Electronics

Part # B32344E4102A040
Description  Film Capacitors - Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32344E4102A040 Datasheet(HTML) 6 Page - TDK Electronics

Back Button B32344E4102A040 Datasheet HTML 2Page - TDK Electronics B32344E4102A040 Datasheet HTML 3Page - TDK Electronics B32344E4102A040 Datasheet HTML 4Page - TDK Electronics B32344E4102A040 Datasheet HTML 5Page - TDK Electronics B32344E4102A040 Datasheet HTML 6Page - TDK Electronics B32344E4102A040 Datasheet HTML 7Page - TDK Electronics B32344E4102A040 Datasheet HTML 8Page - TDK Electronics B32344E4102A040 Datasheet HTML 9Page - TDK Electronics B32344E4102A040 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Film Capacitors – Power Factor Correction
B32344E4102A040
PhiCap capacitors
MKP440-D-10.0
FILM PFC PM
June 2011
Please read Cautions and warnings and
Page 6 of 10
Important notes at the end of this document
.
Label design
Dimensional drawing
Power Quality solutions
PhiCap
TM
MKP440-D-10.0
B32344E4102A040
3 x 55 µF
-5 +10%
SH
Un
QN /50 Hz
QN /60 Hz
440 Vac
10.0 kvar
12.0 kvar
415 Vac
8.9 kvar
10.7 kvar
400 Vac
8.3 kvar
9.9 kvar
Ui = 3/- kV
-40/+55ºC
IEC 60831
C22.2 N°190 MC#236094 Non Flammable Fluid 55°C
“DISCHARGE AVANT DE TOUCHER
AUX PIECES SOUS TENSION”
Overpressure disconnector Non PCB
Protected File E106388
10K AFC
Made by EPCOS
WWNYY
DISCHARGE CAPACITOR BEFORE HANDLING


Similar Part No. - B32344E4102A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A010 TDK-B32344E4102A010 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B32344E4102A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com