Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32922H Datasheet(PDF) 6 Page - TDK Electronics

Part # B32922H
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32922H Datasheet(HTML) 6 Page - TDK Electronics

Back Button B32922H Datasheet HTML 2Page - TDK Electronics B32922H Datasheet HTML 3Page - TDK Electronics B32922H Datasheet HTML 4Page - TDK Electronics B32922H Datasheet HTML 5Page - TDK Electronics B32922H Datasheet HTML 6Page - TDK Electronics B32922H Datasheet HTML 7Page - TDK Electronics B32922H Datasheet HTML 8Page - TDK Electronics B32922H Datasheet HTML 9Page - TDK Electronics B32922H Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Ordering codes and packing units
Lead
spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Straight
terminals,
Ammo
pack
pcs./MOQ
Straight
terminals,
Reel
pcs./MOQ
Straight
terminals,
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
255 = Crimped down from lead spacing 15 mm to
7.5 mm, Ammo pack
155 = Crimped down from lead spacing 15 mm to
7.5 mm, Reel
003 = Straight terminals, untaped (lead length
3.2
±0.3 mm)
000 = Straight terminals, untaped (lead length 6 -
1 mm)
27.5
0.68
11.0
× 19.0 × 31.5 B32924H3684+***
1400
1280
1.0
11.0
× 21.0 × 31.5 B32924H3105+***
1400
1280
1.5
13.5
× 23.0 × 31.5 B32924H3155M***
1000
1040
1.5
14.0
× 24.5 × 31.5 B32924J3155+***
1040
2.2
18.0
× 27.5 × 31.5 B32924H3225+***
800
3.3
18.0
× 33.0 × 31.5 B32924J3335+***
800
3.3
19.0
× 30.0 × 31.5 B32924H3335M***
720
4.7
22.0
× 36.5 × 31.5 B32924H3475+***
640
37.5
2.2
14.0
× 25.0 × 42.0 B32926H3225+***
1380
3.3
16.0
× 28.5 × 42.0 B32926H3335+***
800
4.7
18.0
× 32.5 × 42.0 B32926H3475+***
720
6.8
20.0
× 39.5 × 42.0 B32926H3685+***
640
8.2
28.0
× 37.5 × 42.0 B32926J3825+***
440
10.0
28.0
× 37.5 × 42.0 B32926H3106M***
440
10.0
28.0
× 42.5 × 42.0 B32926J3106+***
440
15.0
33.0
× 48.0 × 42.0 B32926H3156+***
180
B32922H/J ... B32926H/J
X2 / 305 V AC
Page 6 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32922H

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32922 EPCOS-B32922 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922 EPCOS-B32922 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922 EPCOS-B32922 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922 EPCOS-B32922 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
logo
Infineon Technologies A...
B329221C3104K INFINEON-B329221C3104K Datasheet
2Mb / 25P
   12W 5V SMPS evaluation board with ICE3AR4780VJZ
Revision 1.2, 2015-05-12
More results

Similar Description - B32922H

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com