Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32934A3564 Datasheet(PDF) 11 Page - TDK Electronics

Part # B32934A3564
Description  Film Capacitors - Power Factor Correction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32934A3564 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B32934A3564 Datasheet HTML 7Page - TDK Electronics B32934A3564 Datasheet HTML 8Page - TDK Electronics B32934A3564 Datasheet HTML 9Page - TDK Electronics B32934A3564 Datasheet HTML 10Page - TDK Electronics B32934A3564 Datasheet HTML 11Page - TDK Electronics B32934A3564 Datasheet HTML 12Page - TDK Electronics B32934A3564 Datasheet HTML 13Page - TDK Electronics B32934A3564 Datasheet HTML 14Page - TDK Electronics B32934A3564 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Cautions and warnings
Do not exceed the upper category temperature (UCT).
Do not apply any mechanical stress to the capacitor terminals.
Avoid any compressive, tensile or flexural stress.
Do not move the capacitor after it has been soldered to the PC board.
Do not pick up the PC board by the soldered capacitor.
Do not place the capacitor on a PC board whose PTH hole spacing differs from the specified
lead spacing.
Do not exceed the specified time or temperature limits during soldering.
Avoid external energy inputs, such as fire or electricity.
Avoid overload of the capacitors.
The table below summarizes the safety instructions that must always be observed. A detailed de-
scription can be found in the relevant sections of the chapters "General technical information" and
"Mounting guidelines".
Topic
Safety information
Reference chapter
"General technical
information"
Storage conditions
Make sure that capacitors are stored within the
specified range of time, temperature and humidity
conditions.
4.5
"Storage conditions"
Flammability
Avoid external energy, such as fire or electricity
(passive flammability), avoid overload of the
capacitors (active flammability) and consider the
flammability of materials.
5.3
"Flammability"
Resistance to
vibration
Do not exceed the tested ability to withstand
vibration. The capacitors are tested to
IEC 60068-2-6.
EPCOS offers film capacitors specially designed
for operation under more severe vibration regimes
such as those found in automotive applications.
Consult our catalog "Film Capacitors for
Automotive Electronics".
5.2
"Resistance to vibration"
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 11 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32934A3564

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32934A3564 EPCOS-B32934A3564 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32934A3564 EPCOS-B32934A3564 Datasheet
289Kb / 18P
   Metallized Polyester Film Capacitors (MKT)
B32934A3564 EPCOS-B32934A3564 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
B32934A3564 EPCOS-B32934A3564 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32934A3564 TDK-B32934A3564 Datasheet
315Kb / 18P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32934A3564

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com