Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32934B3225 Datasheet(PDF) 5 Page - TDK Electronics

Part # B32934B3225
Description  Film Capacitors - Power Factor Correction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32934B3225 Datasheet(HTML) 5 Page - TDK Electronics

  B32934B3225 Datasheet HTML 1Page - TDK Electronics B32934B3225 Datasheet HTML 2Page - TDK Electronics B32934B3225 Datasheet HTML 3Page - TDK Electronics B32934B3225 Datasheet HTML 4Page - TDK Electronics B32934B3225 Datasheet HTML 5Page - TDK Electronics B32934B3225 Datasheet HTML 6Page - TDK Electronics B32934B3225 Datasheet HTML 7Page - TDK Electronics B32934B3225 Datasheet HTML 8Page - TDK Electronics B32934B3225 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Ordering codes and packing units
Lead
spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Straight
terminals,
Reel
pcs./MOQ
Straight
terminals,
Untaped
pcs./MOQ
X2
safety
appr.
X = approval granted
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
000 = Straight terminals, Untaped (standard lead
length 6
1 mm)
27.5
0.47
11.0
× 19.0 × 31.5 B32934A3474+*** –
1400
1280
X
0.56
11.0
× 19.0 × 31.5 B32934A3564+*** –
1400
1280
X
0.68
11.0
× 19.0 × 31.5 B32934A3684+*** –
1400
1280
X
0.82
11.0
× 19.0 × 31.5 B32934A3824+*** –
1400
1280
X
1.0
11.0
× 19.0 × 31.5 B32934A3105M*** –
1400
1280
X
1.0
11.0
× 21.0 × 31.5 B32934B3105+*** –
1400
1280
X
1.5
13.5
× 23.0 × 31.5 B32934B3155M*** –
1200
1120
X
1.5
14.0
× 24.5 × 31.5 B32934D3155+*** –
1040
X
2.2
18.0
× 27.5 × 31.5 B32934B3225+*** –
800
X
37.5
1.0
12.0
× 22.0 × 41.5 B32936A3105+*** –
1620
X
1.5
12.0
× 22.0 × 41.5 B32936A3155+*** –
1620
X
2.2
14.0
× 25.0 × 41.5 B32936A3225+*** –
1380
X
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 5 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32934B3225

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32934B3225 EPCOS-B32934B3225 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32934B3225 EPCOS-B32934B3225 Datasheet
289Kb / 18P
   Metallized Polyester Film Capacitors (MKT)
B32934B3225 EPCOS-B32934B3225 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
B32934B3225 EPCOS-B32934B3225 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32934B3225 TDK-B32934B3225 Datasheet
315Kb / 18P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32934B3225

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com