Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807-25 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # BC807-25
Description  Ldeally suited for automatic insertion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

BC807-25 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  BC807-25 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED BC807-25 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Transistors
MAKO Semiconductor Co., Limited
FEATURES
Ldeally suited for automatic insertion
epitaxial planar die construction
complementary NPN type available(BC817)
Marking
BC807-16
BC807-25
BC807-40
5A
5B
5C
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-50
V
Collector-Emitter Voltage
V
CEO
-45
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
-500
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC= -10μA, IE=0
-50
V
Collector-emitter breakdown voltage
VCEO
IC= -10mA, IB=0
-45
V
Emitter-base breakdown voltage
VEBO
IE= -1μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -45V, IE=0
-0.1
u A
Collector cut-off current
ICEO
VCE= -40V, IB=0
-0.2
u A
Emitter cut-off current
IEBO
VEB= -4 V,
IC=0
-0.1
u A
DC current gain
807-16
807-25
807-40
hFE(1)
VCE= -1V, IC= -100mA
100
160
250
250
400
600
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB= -50mA
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= -500mA, IB= -50mA
-1.2
V
Transition frequency
fT
VCE= -5V, IC= -10mA
f=100MHz
100
MHz
(PNP)
(PNP)
(PNP)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
BC807-16
BC807-25
BC807-40
http://www.makosemi.hk/


Similar Part No. - BC807-25

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BC807-25 GE-BC807-25 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
NXP Semiconductors
BC807-25 PHILIPS-BC807-25 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Diodes Incorporated
BC807-25 DIODES-BC807-25 Datasheet
311Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 15 - 2
logo
Shenzhen Jin Yu Semicon...
BC807-25 HTSEMI-BC807-25 Datasheet
274Kb / 2P
   TRANSISTOR (PNP)
logo
Micro Commercial Compon...
BC807-25 MCC-BC807-25 Datasheet
331Kb / 3P
   PNP Silicon General Purpose Transistors
More results

Similar Description - BC807-25

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
   Ideally suited for automatic insertion
BC856A DGNJDZ-BC856A Datasheet
727Kb / 2P
   Ideally suited for automatic insertion
logo
Rectron Semiconductor
BC846V RECTRON-BC846V Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
BC856V RECTRON-BC856V Datasheet
518Kb / 6P
   Ideally suited for automatic insertion
logo
HY ELECTRONIC CORP.
1N4448 HY-1N4448 Datasheet
103Kb / 2P
   Surface Mount Package Ideally Suited For Automatic Insertion
logo
SHIKUES Electronics
BAS16 SKTECHNOLGY-BAS16 Datasheet
1Mb / 2P
   Surface Mount Package Ideally Suited for Automatic Insertion
logo
Yea Shin Technology Co....
MMBD3004C YEASHIN-MMBD3004C Datasheet
437Kb / 2P
   Surface Mount Package Ideally Suited for Automatic Insertion
logo
SHIKUES Electronics
BAS19 SKTECHNOLGY-BAS19 Datasheet
774Kb / 3P
   Surface Mount Package Ideally Suited for Automatic Insertion
logo
Shanghai Leiditech Elec...
BAS19 LEIDITECH-BAS19 Datasheet
415Kb / 3P
   Surface mount package ideally suited for Automatic insertion
logo
SHIKUES Electronics
BAS19W SKTECHNOLGY-BAS19W Datasheet
1Mb / 2P
   Surface Mount Package Ideally Suited for Automatic Insertion
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com