Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC807-25LT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SBC807-25LT1G
Description  General Purpose Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBC807-25LT1G Datasheet(HTML) 5 Page - ON Semiconductor

  SBC807-25LT1G Datasheet HTML 1Page - ON Semiconductor SBC807-25LT1G Datasheet HTML 2Page - ON Semiconductor SBC807-25LT1G Datasheet HTML 3Page - ON Semiconductor SBC807-25LT1G Datasheet HTML 4Page - ON Semiconductor SBC807-25LT1G Datasheet HTML 5Page - ON Semiconductor SBC807-25LT1G Datasheet HTML 6Page - ON Semiconductor SBC807-25LT1G Datasheet HTML 7Page - ON Semiconductor SBC807-25LT1G Datasheet HTML 8Page - ON Semiconductor SBC807-25LT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BC807−16L, SBC807-16L BC807−25L, SBC807-25L, BC807−40L, SBC807−40L
http://onsemi.com
5
TYPICAL CHARACTERISTICS − BC807−25LT1
Figure 8. DC Current Gain vs. Collector
Current
Figure 9. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
100
200
300
400
500
1
0.1
0.01
0.001
0.01
0.1
1
Figure 10. Base Emitter Saturation Voltage vs.
Collector Current
Figure 11. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.7
0.8
1.0
1.1
1
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.8
0.9
1.0
1.2
1
VCE = 1 V
150°C
−55°C
25°C
IC/IB = 10
150°C
−55°C
25°C
0.4
0.9
IC/IB = 10
150°C
−55°C
25°C
0.4
0.7
1.1
VCE = 5 V
150°C
−55°C
25°C
Figure 12. Current Gain Bandwidth Product
vs. Collector Current
IC, COLLECTOR CURRENT (mA)
1000
10
1
0.1
10
100
VCE = 1 V
TA = 25°C
1000
100


Similar Part No. - SBC807-25LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBC807-25T1G ONSEMI-SBC807-25T1G Datasheet
78Kb / 8P
   General Purpose Transistors
November, 2014 ??Rev. 4
More results

Similar Description - SBC807-25LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com