Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA169 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATMEGA169
Description  Non-volatile Program and Data Memories
Download  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA169 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATMEGA169_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA169_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA169_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA169_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA169_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA169_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA169_14 Datasheet HTML 9Page - ATMEL Corporation ATMEGA169_14 Datasheet HTML 10Page - ATMEL Corporation ATMEGA169_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 365 page
background image
7
ATmega169/V
2514P–AVR–07/06
AVR CPU Core
Introduction
This section discusses the AVR core architecture in general. The main function of the
CPU core is to ensure correct program execution. The CPU must therefore be able to
access memories, perform calculations, control peripherals, and handle interrupts.
Architectural Overview
Figure 3. Block Diagram of the AVR Architecture
In order to maximize performance and parallelism, the AVR uses a Harvard architecture
– with separate memories and buses for program and data. Instructions in the program
memory are executed with a single level pipelining. While one instruction is being exe-
cuted, the next instruction is pre-fetched from the program memory. This concept
enables instructions to be executed in every clock cycle. The program memory is In-
System Reprogrammable Flash memory.
The fast-access Register File contains 32 x 8-bit general purpose working registers with
a single clock cycle access time. This allows single-cycle Arithmetic Logic Unit (ALU)
operation. In a typical ALU operation, two operands are output from the Register File,
Flash
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registrers
ALU
Status
and Control
I/O Lines
EEPROM
Data Bus 8-bit
Data
SRAM
Interrupt
Unit
SPI
Unit
Watchdog
Timer
Analog
Comparator
I/O Module 2
I/O Module1
I/O Module n


Similar Part No. - ATMEGA169_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169-16AI ATMEL-ATMEGA169-16AI Datasheet
3Mb / 365P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169-16AI ATMEL-ATMEGA169-16AI Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169-16AU ATMEL-ATMEGA169-16AU Datasheet
3Mb / 365P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169-16AU ATMEL-ATMEGA169-16AU Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169-16MI ATMEL-ATMEGA169-16MI Datasheet
3Mb / 365P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA169_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3_14 Datasheet
3Mb / 134P
   Non-volatile Program and Data Memories
ATXMEGA16A4 ATMEL-ATXMEGA16A4_14 Datasheet
3Mb / 108P
   Non-volatile Program and Data Memories
ATMEGA165 ATMEL-ATMEGA165_14 Datasheet
3Mb / 336P
   Non-volatile Program and Data Memories
ATXMEGA128A4 ATMEL-ATXMEGA128A4_14 Datasheet
3Mb / 108P
   Non-volatile Program and Data Memories
ATMEGA169V ATMEL-ATMEGA169V_14 Datasheet
3Mb / 365P
   Non-volatile Program and Data Memories
ATMEGA8U2 ATMEL-ATMEGA8U2_14 Datasheet
4Mb / 310P
   Non-volatile Program and Data Memories
ATMEGA323 ATMEL-ATMEGA323_14 Datasheet
3Mb / 247P
   Non-volatile Program and Data Memories
ATTINY44 ATMEL-ATTINY44_14 Datasheet
4Mb / 238P
   Non-Volatile Program and Data Memories
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_14 Datasheet
3Mb / 109P
   Non-volatile Program and Data Memories
AT90CAN64 ATMEL-AT90CAN64_14 Datasheet
5Mb / 428P
   Non volatile Program and Data Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com