Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA325 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA325
Description  High Endurance Non-volatile Memory Segments
Download  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA325 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA325_14 Datasheet HTML 1Page - ATMEL Corporation ATMEGA325_14 Datasheet HTML 2Page - ATMEL Corporation ATMEGA325_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA325_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA325_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA325_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA325_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA325_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA325_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 362 page
background image
Features
High Performance, Low Power Atmel® AVR® 8-Bit Microcontroller
Advanced RISC Architecture
– 130 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 16MIPS Throughput at 16MHz
– On-Chip 2-cycle Multiplier
High Endurance Non-volatile Memory Segments
– In-System Self-programmable Flash Program Memory
• 32KBytes (ATmega325/ATmega3250)
• 64KBytes (ATmega645/ATmega6450)
–EEPROM
• 1Kbytes (ATmega325/ATmega3250)
• 2Kbytes (ATmega645/ATmega6450)
– Internal SRAM
• 2Kbytes (ATmega325/ATmega3250)
• 4Kbytes (ATmega645/ATmega6450)
– Write/Erase Cycles: 10,000 Flash/ 100,000 EEPROM
– Data retention: 20 years at 85°C/100 years at 25°C
(1)
– Optional Boot Code Section with Independent Lock Bits
• In-System Programming by On-chip Boot Program
• True Read-While-Write Operation
– Programming Lock for Software Security
Atmel® QTouch® library support
– Capacitive touch buttons, sliders and wheels
– QTouch and QMatrix
® acquisition
– Up to 64 sense channels
JTAG (IEEE std. 1149.1 compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
– One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
Mode
– Real Time Counter with Separate Oscillator
– Four PWM Channels
– 8-channel, 10-bit ADC
– Programmable Serial USART
– Master/Slave SPI Serial Interface
– Universal Serial Interface with Start Condition Detector
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Interrupt and Wake-up on Pin Change
Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated Oscillator
– External and Internal Interrupt Sources
– Five Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, and
Standby
I/O and Packages
– 53/68 Programmable I/O Lines
– 64-lead TQFP, 64-pad QFN/MLF, and 100-lead TQFP
Speed Grade:
– ATmega325V/ATmega3250V/ATmega645V/ATmega6450V:
• 0 - 4MHz @ 1.8 - 5.5V; 0 - 8MHz @ 2.7 - 5.5V
– Atmel ATmega325/3250/645/6450:
• 0 - 8MHz @ 2.7 - 5.5V; 0 - 16MHz @ 4.5 - 5.5V
Temperature range:
–-40
°C to 85°C IndustrSial
Ultra-Low Power Consumption
– Active Mode:
1MHz, 1.8V: 350µA
32kHz, 1.8V: 20µA (including Oscillator)
– Power-down Mode:
100 nA at 1.8V
8-bit Atmel
Microcontroller
with In-System
Programmable
Flash
ATmega325/V
ATmega3250/V
ATmega645/V
ATmega6450/V
2570N–AVR–05/11


Similar Part No. - ATMEGA325_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325-16AI ATMEL-ATMEGA325-16AI Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325-16AI ATMEL-ATMEGA325-16AI Datasheet
322Kb / 27P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325-16AI ATMEL-ATMEGA325-16AI Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATmega325-16AI ATMEL-ATmega325-16AI Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325-16AJ ATMEL-ATMEGA325-16AJ Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
More results

Similar Description - ATMEGA325_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_14 Datasheet
5Mb / 364P
   High Endurance Non-volatile Memory segments
ATMEGA48 ATMEL-ATMEGA48_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATMEGA88V ATMEL-ATMEGA88V_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATMEGA649 ATMEL-ATMEGA649_14 Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
ATMEGA168 ATMEL-ATMEGA168_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATTINY13V ATMEL-ATTINY13V_14 Datasheet
3Mb / 176P
   High Endurance Non-volatile Memory segments
ATTINY88 ATMEL-ATTINY88 Datasheet
4Mb / 246P
   High Endurance Non-volatile Memory Segments
ATMEGA165PV ATMEL-ATMEGA165PV_14 Datasheet
7Mb / 364P
   High Endurance Non-volatile Memory segments
ATMEGA128L ATMEL-ATMEGA128L_14 Datasheet
6Mb / 386P
   High Endurance Non-volatile Memory segments
ATMEGA3250 ATMEL-ATMEGA3250_14 Datasheet
6Mb / 362P
   High Endurance Non-volatile Memory Segments
ATMEGA6490 ATMEL-ATMEGA6490_14 Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com