Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6975DQ-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6975DQ-T1-E3
Description  Dual P-Channel 12-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6975DQ-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6975DQ-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI6975DQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI6975DQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI6975DQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI6975DQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI6975DQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI6975DQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI6975DQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI6975DQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 71319
S-81221-Rev. B, 02-Jun-08
Vishay Siliconix
Si6975DQ
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 5 mA
- 0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 9.6 V, VGS = 0 V
- 1
µA
VDS = - 9.6 V, VGS = 0 V, TJ = 70 °C
- 25
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 4.5 V
- 20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 5.1 A
0.022
0.027
Ω
VGS = - 2.5 V, ID = - 4.5 A
0.028
0.035
VGS = - 1.8 V, ID = - 3.9 A
0.037
0.046
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 5.1 A
20
S
Diode Forward Voltagea
VSD
IS = - 1.0 A, VGS = 0 V
- 0.65
- 1.1
V
Dynamicb
Total Gate Charge
Qg
VDS = - 6 V, VGS = - 4.5 V, ID = - 5.1 A
23
30
nC
Gate-Source Charge
Qgs
3.0
Gate-Drain Charge
Qgd
4.3
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 6 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, RG = 6 Ω
25
40
ns
Rise Time
tr
32
50
Turn-Off Delay Time
td(off)
96
140
Fall Time
tf
62
95
Source-Drain Reverse Recovery Time
trr
IF = - 1.0 A, dI/dt = 100 A/µs
60
100
Output Characteristics
0
6
12
18
24
30
0
2468
10
VGS = 5 thru 2.5 V
VDS - Drain-to-Source Voltage (V)
2 V
0.5, 1 V
1.5 V
Transfer Characteristics
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
TC = - 55 °C
125 °C
25 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI6975DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6975DQ VISHAY-SI6975DQ Datasheet
54Kb / 4P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
More results

Similar Description - SI6975DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com