Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6975DQ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI6975DQ
Description  Dual P-Channel 12-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6975DQ Datasheet(HTML) 5 Page - Vishay Siliconix

  SI6975DQ Datasheet HTML 1Page - Vishay Siliconix SI6975DQ Datasheet HTML 2Page - Vishay Siliconix SI6975DQ Datasheet HTML 3Page - Vishay Siliconix SI6975DQ Datasheet HTML 4Page - Vishay Siliconix SI6975DQ Datasheet HTML 5Page - Vishay Siliconix SI6975DQ Datasheet HTML 6Page - Vishay Siliconix SI6975DQ Datasheet HTML 7Page - Vishay Siliconix SI6975DQ Datasheet HTML 8Page - Vishay Siliconix SI6975DQ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
E
C
R 0.10
(4 Corners)
B
R 0.10
Corners)
D
L
L1
oK1
e
Package Information
Vishay Siliconix
Document Number: 71201
06-Jul-01
www.vishay.com
1
TSSOP:
8LEAD
JEDEC Part Number: MO-153
MILLIMETERS
Dim
Min
Nom
Max
A
1.20
A1
0.05
0.10
0.15
A2
0.80
1.00
1.05
B
0.19
0.28
0.30
C
0.127
D
2.90
3.00
3.10
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
e
0.65
L
0.45
0.60
0.75
L1
0.90
1.00
1.10
Y
0.10
oK1
0
_
3
_
6
_
ECN: S-03946—Rev. G, 09-Jul-01
DWG: 5844


Similar Part No. - SI6975DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6975DQ VISHAY-SI6975DQ Datasheet
54Kb / 4P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
More results

Similar Description - SI6975DQ

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com