Electronic Components Datasheet Search |
|
HDSP-5521-KF000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
HDSP-5521-KF000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard) |
7 / 11 page 7 Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions 900 2500 IF = 10 mA Luminous Intensity/Segment[1,2] IV µcd (Digit Average)` 3100 IF = 60 mA Peak: 1 of 6 df Forward Voltage/Segment or DP VF 2.1 2.5 V IF = 10 mA 56XX Peak Wavelength λ PEAK 566 nm Dominant Wavelength[3,7] λ d 571 577 nm Reverse Voltage/Segment or DP[4] VR 3.0 50 V IR = 100 µA Temperature Coefficient of ∆V F/°C -2 mV/ °C VF/Segment or DP Thermal Resistance LED Junction- R θ J-Pin 345 °C/W/ to-Pin Seg High Performance Green Notes: 1. Device case temperature is 25 °C prior to the intensity measurement. 2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 3. The dominant wavelength, λ d, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device. 4. Typical specification for reference only. Do not exceed absolute maximum ratings. 5. For low current operation, the AlGaAs HDSP-H10X series displays are recommended. They are tested at 1 mA dc/segment and are pin for pin compatible with the HDSP-H15X series. 6. For low current operation, the HER HDSP-555X series displays are recommended. They are tested at 2 mA dc/segment and are pin for pin compatible with the HDSP-550X series. 7. The Yellow (HDSP-5700) and Green (HDSP-5600) displays are categorized for dominant wavelength. The category is designated by a number adjacent to the luminous intensity category letter. AlGaAs Red Figure 2. Maximum Tolerable Peak Current vs. Pulse Duration – AlGaAs Red. Figure 1. Maximum Tolerable Peak Current vs. Pulse Duration – Red. |
Similar Part No. - HDSP-5521-KF000 |
|
Similar Description - HDSP-5521-KF000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |