Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1231AW Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S-1231AW
Description  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S-1231AW Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S-1231AW Datasheet HTML 1Page - List of Unclassifed Manufacturers S-1231AW Datasheet HTML 2Page - List of Unclassifed Manufacturers S-1231AW Datasheet HTML 3Page - List of Unclassifed Manufacturers S-1231AW Datasheet HTML 4Page - List of Unclassifed Manufacturers S-1231AW Datasheet HTML 5Page - List of Unclassifed Manufacturers S-1231AW Datasheet HTML 6Page - List of Unclassifed Manufacturers S-1231AW Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
■外形寸法図 OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
(S-2000A series)
O S-2010A
O S-2030A
Top setting
O S-2011A
O S-2031A
Side setting
O S-2110A
O S-2130A
Top setting
O S-2111A
O S-2131A
Side setting
10
±0.2
0.6 W
× 2.6 L × 1.7 D
型式、製造年月記号
Part No. & Production date code
3
2
7
4.5
±0.5
7.62
C
8
4
2
1
5
10
±0.2
5 – 0.5
±0.1
t = 0.2
2.54
11.5
6
5.08
2.54
2.54
8
4
2
1
C
0.6 W
× 2.6 L × 1.7 D
型式、製造年月記号
Part No. & Production date code
4
6
S-1000A/2000A
ROTARY CODED SWITCHES
3
2
10
±0.2
0.7 W
× 1 D
型式、製造年月記号
Part No. & Production date code
7.62
C
8
4
2
1
7
0.5
4.5
±0.5
平目ローレット M = 0.2
Straight knurl
6.6
6
5
4
10
±0.2
5 – 0.5
±0.1
t = 0.2
2.54
18.1
12.6
5.08
2.54
2.54
8
4
21
0.7 W
× 1 D
型式、製造年月記号
Part No. & Production date code
6.6
平目ローレット M = 0.2
Straight knurl
6.5
C

ディップスイッチ
照光式スイッチ
押ボタンスイッチ
レバー・ロッカー
スイッチ
トグルスイッチ
スライドスイッチ
ロータリー
スイッチ
キースイッチ
トリガースイッチ
フラットスイッチ


Similar Part No. - S-1231AW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-123T ETC2-S-123T Datasheet
605Kb / 3P
   CURRENT REGULATIVE DIODE
More results

Similar Description - S-1231AW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com