Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMOV25S111MP Datasheet(PDF) 1 Page - Littelfuse

Part # SMOV25S111MP
Description  SMOV25S Varistor Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMOV25S111MP Datasheet(HTML) 1 Page - Littelfuse

  SMOV25S111MP Datasheet HTML 1Page - Littelfuse SMOV25S111MP Datasheet HTML 2Page - Littelfuse SMOV25S111MP Datasheet HTML 3Page - Littelfuse SMOV25S111MP Datasheet HTML 4Page - Littelfuse SMOV25S111MP Datasheet HTML 5Page - Littelfuse SMOV25S111MP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/23/14
Varistor Products
Thermally Protected Varistors > SMOV25S Series
RoHS
Description
Features
• Maximumsingle
surgecapability20kA,
8/20waveshape.
•NominalDischarge
CurrentValue:10kA.
• Intermediatecurrent
rating:50A/150A.
• -45°Cto+75°Coperating
temperature.
• RecognizedtoUL
14493rdedition.
• Lead-FreeandRoHS
compliant.
• Integratedmicro-switchfor
indicationcircuitry/design.
Agency Approvals
Applications
• SPDapplications
• AC/DCdistribution
• IT/Datacenter
• Powersupplier
• Telecommunication
Agency
Agency File Number
E320116
SMOV25S Varistor Series
TheLittelfuseSMOVthermallyprotectedvaristorisaself-
protecteddevice.Itconsistsofa25mmsquarevaristorwithan
integralthermaldisconnectdesignedtoopenintheeventof
overheatingduetoabnormalovervoltageasoutlinedinUL1449
3rdedition.TheSMOVhelpsfacilitateSPDmodulecompliance
toUL1449andoffersquickthermalresponseduetotheclose
proximityoftheintegratedthermalelementtotheMOVbody.
Thisconfigurationalsoofferslowerinductancethanmostdiscreet
solutionsresultinginimprovedclampingperformancetofastover
voltagetransients.
Thedevicehasaseparatemicro-switch,whichcanbeusedto
indicatethattheMOVhasbeendisconnectedfromthecircuit.This
separateswitchmakesthemonitoringcircuitrycompletelyisolated
fromthemainpowerwhichensuresindicatorcircuitsafetyand
simplifiesthecustomerscircuitdesign.
Absolute Maximum Ratings
•Forratingsofindividualmembersofaseries,seeDeviceRatingsandSpecificationschart.
SMOV25S Series
Units
Continous:
Steady State Applied Voltage:
DCVoltageRange(VM(DC))
150to970
V
ACVoltageRange(V
M(AC)RMS)
115to750
V
Transient:
Non-RepetitiveSurgeCurrent,8/20µsWaveform(I
TM)
20,000
A
Non-RepetitiveEnergyCapability,2msWaveform(W
TM)
170to670
J
OperatingAmbientTemperatureRange(T
A)
-45to+75
°C
StorageTemperatureRange(T
STG)
-45to+85
°C
Hi-PotEncapsulation(IsolationVoltageCapability)
2500
V
IsolationVoltageCapability(whenthethermaldisconnectopens)
1500
V
HousingInsulationResistance
>1,000
MΩ
CAUTION:Stressesabovethoselistedin“AbsoluteMaximumRatings”maycausepermanentdamagetothedevice.Thisisastressonlyratingandoperation
ofthedeviceattheseoranyotherconditionsabovethoseindicatedintheoperationalsectionsofthisspecificationisnotimplied.


Similar Part No. - SMOV25S111MP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
   The Littelfuse SMOV thermally portected varistor is a self-protected device.
More results

Similar Description - SMOV25S111MP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
V14E385PL1T5 LITTELFUSE-V14E385PL1T5 Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
logo
MDE Semiconductor, Inc.
V131BA60 MDE-V131BA60 Datasheet
723Kb / 2P
   Series Block Varistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com