Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMOV25S151NP Datasheet(PDF) 3 Page - Littelfuse

Part # SMOV25S151NP
Description  SMOV25S Varistor Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMOV25S151NP Datasheet(HTML) 3 Page - Littelfuse

  SMOV25S151NP Datasheet HTML 1Page - Littelfuse SMOV25S151NP Datasheet HTML 2Page - Littelfuse SMOV25S151NP Datasheet HTML 3Page - Littelfuse SMOV25S151NP Datasheet HTML 4Page - Littelfuse SMOV25S151NP Datasheet HTML 5Page - Littelfuse SMOV25S151NP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/23/14
Varistor Products
Thermally Protected Varistors > SMOV25S Series
TypicaltimetoopencircuitunderUL1449Abnormal
OvervoltageLimitedCurrentTest:
Thermal Characteristics
0.1
1
10
110100
10 A
5 A
2.5 A
0.5 A
Time (secs)
Typical
0
20
40
60
80
100
-45506070
80
90
100110
120130
AMBIENTTEMPERATURE (ºC)
Peak Current & Energy Derating Curve
100
1000
10000
10µA
100µA1mA
10mA
100mA1A10A
100A
1000A
10000A
100000A
Peak Current
750
625
550
510
460
440
385
420
115
130
140
150
175
230
250
275
300
320
Transient V–I Characteristic Curves
Forapplicationsexceeding75ºCambienttemperature,the
peaksurgecurrentandenergyratingsmustbereduced
asshownbelow.
Figure 1
Figure 2
Figure 3


Similar Part No. - SMOV25S151NP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
   The Littelfuse SMOV thermally portected varistor is a self-protected device.
More results

Similar Description - SMOV25S151NP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
V14E385PL1T5 LITTELFUSE-V14E385PL1T5 Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
logo
MDE Semiconductor, Inc.
V131BA60 MDE-V131BA60 Datasheet
723Kb / 2P
   Series Block Varistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com