Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMOV25S271MP Datasheet(PDF) 2 Page - Littelfuse

Part # SMOV25S271MP
Description  SMOV25S Varistor Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMOV25S271MP Datasheet(HTML) 2 Page - Littelfuse

  SMOV25S271MP Datasheet HTML 1Page - Littelfuse SMOV25S271MP Datasheet HTML 2Page - Littelfuse SMOV25S271MP Datasheet HTML 3Page - Littelfuse SMOV25S271MP Datasheet HTML 4Page - Littelfuse SMOV25S271MP Datasheet HTML 5Page - Littelfuse SMOV25S271MP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/23/14
Varistor Products
Thermally Protected Varistors > SMOV25S Series
Part
Number
Maximum Rating (75°C)
Specifications (25 °C)
Continuous
Transient
Varistor
Voltage at
1mATest
Current
Maximum
Clamping
Voltage
8/20μs
Typical
Capacitance
f = 1MHz
AC
Volts
DC
Volts
Energy
2ms
Peak Surge
Current
8/20μs
Nominal
Discharge
Current (In)
V
M(AC)
V
M(DC)
W
TM
I
TM
1 × Pulse
In
V
N(DC)
Min
V
N(DC)
Max
Vc
I
PK
C
(V)
(V)
(J)
(A)
(A)
(V)
(V)
(A)
(pF)
SMOV25S111MP
115
150
170
20000
10000
162
198
295
100
3200
SMOV25S111NP
SMOV25S131MP
130
170
190
20000
10000
184.5
225.5
335
100
2800
SMOV25S131NP
SMOV25S151MP
150
200
220
20000
10000
216
264
390
100
2300
SMOV25S151NP
SMOV25S181MP
175
225
250
20000
10000
243
297
450
100
1900
SMOV25S181NP
SMOV25S251MP
250
320
330
20000
10000
351
429
640
100
1400
SMOV25S251NP
SMOV25S271MP
275
350
350
20000
10000
387
473
700
100
1250
SMOV25S271NP
SMOV25S301MP
300
385
370
20000
10000
423
517
765
100
1150
SMOV25S301NP
SMOV25S321MP
320
420
390
20000
10000
459
561
825
100
1080
SMOV25S321NP
SMOV25S421MP
420
560
460
20000
10000
612
748
1100
100
820
SMOV25S421NP
SMOV25S461MP
460
615
490
20000
10000
675
825
1220
100
750
SMOV25S461NP
SMOV25S511MP
510
670
520
20000
10000
738
902
1335
100
680
SMOV25S511NP
SMOV25S551MP
550
745
550
20000
10000
819
1001
1475
100
630
SMOV25S551NP
SMOV25S621MP
620
800
600
20000
10000
900
1100
1625
100
550
SMOV25S621NP
SMOV25S751MP
750
970
670
20000
10000
1080
1320
1950
100
460
SMOV25S751NP
Device Ratings & Specifications
Averagepowerdissipationoftransientsshouldnotexceed1.5watts
SameratingsandspecificationsapplytoNonIsolatedMonitoredSwitchalternativedesign.Replace"M"with"N"inthepartnumber.e.g.:SMOV25S111NP.
RefertoPartNumberSystemattheendofthisdocument.


Similar Part No. - SMOV25S271MP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
   The Littelfuse SMOV thermally portected varistor is a self-protected device.
More results

Similar Description - SMOV25S271MP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
V14E385PL1T5 LITTELFUSE-V14E385PL1T5 Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
logo
MDE Semiconductor, Inc.
V131BA60 MDE-V131BA60 Datasheet
723Kb / 2P
   Series Block Varistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com