Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA8535L Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATMEGA8535L
Description  Nonvolatile Program and Data Memories
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8535L Datasheet(HTML) 4 Page - ATMEL Corporation

  ATMEGA8535L_14 Datasheet HTML 1Page - ATMEL Corporation ATMEGA8535L_14 Datasheet HTML 2Page - ATMEL Corporation ATMEGA8535L_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA8535L_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA8535L_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA8535L_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA8535L_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA8535L_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA8535L_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 321 page
background image
4
ATmega8535(L)
2502K–AVR–10/06
The AVR core combines a rich instruction set with 32 general purpose working registers.
All 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two
independent registers to be accessed in one single instruction executed in one clock
cycle. The resulting architecture is more code efficient while achieving throughputs up to
ten times faster than conventional CISC microcontrollers.
The ATmega8535 provides the following features: 8K bytes of In-System Programmable
Flash with Read-While-Write capabilities, 512 bytes EEPROM, 512 bytes SRAM, 32
general purpose I/O lines, 32 general purpose working registers, three flexible
Timer/Counters with compare modes, internal and external interrupts, a serial program-
mable USART, a byte oriented Two-wire Serial Interface, an 8-channel, 10-bit ADC with
optional differential input stage with programmable gain in TQFP package, a program-
mable Watchdog Timer with Internal Oscillator, an SPI serial port, and six software
selectable power saving modes. The Idle mode stops the CPU while allowing the
SRAM, Timer/Counters, SPI port, and interrupt system to continue functioning. The
Power-down mode saves the register contents but freezes the Oscillator, disabling all
other chip functions until the next interrupt or Hardware Reset. In Power-save mode, the
asynchronous timer continues to run, allowing the user to maintain a timer base while
the rest of the device is sleeping. The ADC Noise Reduction mode stops the CPU and
all I/O modules except asynchronous timer and ADC, to minimize switching noise during
ADC conversions. In Standby mode, the crystal/resonator Oscillator is running while the
rest of the device is sleeping. This allows very fast start-up combined with low-power
consumption. In Extended Standby mode, both the main Oscillator and the asynchro-
nous timer continue to run.
The device is manufactured using Atmel’s high density nonvolatile memory technology.
The On-chip ISP Flash allows the program memory to be reprogrammed In-System
through an SPI serial interface, by a conventional nonvolatile memory programmer, or
by an On-chip Boot program running on the AVR core. The boot program can use any
interface to download the application program in the Application Flash memory. Soft-
ware in the Boot Flash section will continue to run while the Application Flash section is
updated, providing true Read-While-Write operation. By combining an 8-bit RISC CPU
with In-System Self-Programmable Flash on a monolithic chip, the Atmel ATmega8535
is a powerful microcontroller that provides a highly flexible and cost effective solution to
many embedded control applications.
The ATmega8535 AVR is supported with a full suite of program and system develop-
ment tools including: C compilers, macro assemblers, program debugger/simulators, In-
Circuit Emulators, and evaluation kits.
AT90S8535 Compatibility The ATmega8535 provides all the features of the AT90S8535. In addition, several new
features are added. The ATmega8535 is backward compatible with AT90S8535 in most
cases. However, some incompatibilities between the two microcontrollers exist. To
solve this problem, an AT90S8535 compatibility mode can be selected by programming
the S8535C fuse. ATmega8535 is pin compatible with AT90S8535, and can replace the
AT90S8535 on current Printed Circuit Boards. However, the location of fuse bits and the
electrical characteristics differs between the two devices.
AT90S8535 Compatibility
Mode
Programming the S8535C fuse will change the following functionality:
The timed sequence for changing the Watchdog Time-out period is disabled. See
“Timed Sequences for Changing the Configuration of the Watchdog Timer” on page
45 for details.
The double buffering of the USART Receive Register is disabled. See “AVR USART
vs. AVR UART – Compatibility” on page 146 for details.


Similar Part No. - ATMEGA8535L_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8535L-8AC ATMEL-ATMEGA8535L-8AC Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8535L-8AC ATMEL-ATMEGA8535L-8AC Datasheet
2Mb / 321P
   8-bit Microcontrolle with 8K Bytes In-System Programmable Flash
ATMEGA8535L-8AI ATMEL-ATMEGA8535L-8AI Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8535L-8AI ATMEL-ATMEGA8535L-8AI Datasheet
2Mb / 321P
   8-bit Microcontrolle with 8K Bytes In-System Programmable Flash
ATMEGA8535L-8AU ATMEL-ATMEGA8535L-8AU Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8535L_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA163 ATMEL-ATMEGA163_14 Datasheet
2Mb / 187P
   Nonvolatile Program and Data Memories
AT90S8535 ATMEL-AT90S8535_14 Datasheet
2Mb / 127P
   Data and Nonvolatile Program Memories
AT90LS8535 ATMEL-AT90LS8535_14 Datasheet
2Mb / 127P
   Data and Nonvolatile Program Memories
ATMEGA644P ATMEL-ATMEGA644P_14 Datasheet
6Mb / 377P
   Nonvolatile Program and Data Memories
ATMEGA324P ATMEL-ATMEGA324P_14 Datasheet
6Mb / 377P
   Nonvolatile Program and Data Memories
ATMEGA8515L ATMEL-ATMEGA8515L_14 Datasheet
1Mb / 257P
   Nonvolatile Program and Data Memories
ATMEGA161L ATMEL-ATMEGA161L_14 Datasheet
1Mb / 159P
   Program and Data Memories
AT90S2323 ATMEL-AT90S2323_14 Datasheet
1Mb / 64P
   Data and Nonvolatile Program Memory
AT89LP3240 ATMEL-AT89LP3240_14 Datasheet
5Mb / 200P
   Nonvolatile Program and Data Memory
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_14 Datasheet
3Mb / 109P
   Non-volatile Program and Data Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com