Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD2.0S Datasheet(PDF) 2 Page - NEC

Part # RD2.0S
Description  ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD2.0S Datasheet(HTML) 2 Page - NEC

  RD2.0S Datasheet HTML 1Page - NEC RD2.0S Datasheet HTML 2Page - NEC RD2.0S Datasheet HTML 3Page - NEC RD2.0S Datasheet HTML 4Page - NEC RD2.0S Datasheet HTML 5Page - NEC RD2.0S Datasheet HTML 6Page - NEC RD2.0S Datasheet HTML 7Page - NEC RD2.0S Datasheet HTML 8Page - NEC RD2.0S Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RD2.0S to RD120S
2
Data Sheet D11444EJ3V0DS00
ELECTRICAL CHARACTERISTICS (TA = 25
± 2 °C)
Type Number
Class
Zener Voltage
Dynamic
Reverse Current
Vz (V)Note 1
Impedance Zz (
Ω)Note 2
IR (
µA)
MIN.
MAX.
Iz (mA)
MAX.
Iz (mA)
MAX.
VR (V)
RD2.0S
B
1.90
2.20
5
100
5
120
0.5
RD2.2S
B
2.10
2.40
5
100
5
120
0.7
RD2.4S
B
2.30
2.60
5
100
5
120
1.0
RD2.7S
B
2.50
2.90
5
110
5
120
1.0
B1
2.50
2.75
B2
2.65
2.90
RD3.0S
B
2.80
3.20
5
120
5
50
1.0
B1
2.80
3.05
B2
2.95
3.20
RD3.3S
B
3.10
3.50
5
130
5
20
1.0
B1
3.10
3.35
B2
3.25
3.50
RD3.6S
B
3.40
3.80
5
130
5
10
1.0
B1
3.40
3.65
B2
3.55
3.80
RD3.9S
B
3.70
4.10
5
130
5
10
1.0
B1
3.70
3.97
B2
3.87
4.10
RD4.3S
B
4.00
4.49
5
130
5
10
1.0
B1
4.00
4.22
B2
4.14
4.35
B3
4.27
4.49
RD4.7S
B
4.40
4.92
5
130
5
10
1.0
B1
4.40
4.63
B2
4.53
4.77
B3
4.67
4.92
RD5.1S
B
4.82
5.39
5
130
5
5
1.5
B1
4.82
5.06
B2
4.96
5.22
B3
5.12
5.39
RD5.6S
B
5.29
5.94
5
80
5
5
2.5
B1
5.29
5.57
B2
5.47
5.75
B3
5.65
5.94
RD6.2S
B
5.84
6.55
5
50
5
2
3.0
B1
5.84
6.14
B2
6.04
6.35
B3
6.24
6.55


Similar Part No. - RD2.0S

ManufacturerPart #DatasheetDescription
logo
NEC
RD2.0E NEC-RD2.0E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD2.0E EIC-RD2.0E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD2.0E NJSEMI-RD2.0E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD2.0EAB NEC-RD2.0EAB Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD2.0EAB1 NEC-RD2.0EAB1 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD2.0S

ManufacturerPart #DatasheetDescription
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
2SC4885 NEC-2SC4885 Datasheet
82Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
RD39UJ NEC-RD39UJ Datasheet
41Kb / 8P
   LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com