Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25673A6122A590 Datasheet(PDF) 4 Page - TDK Electronics

Part # B25673A6122A590
Description  Film Capacitors - Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25673A6122A590 Datasheet(HTML) 4 Page - TDK Electronics

  B25673A6122A590 Datasheet HTML 1Page - TDK Electronics B25673A6122A590 Datasheet HTML 2Page - TDK Electronics B25673A6122A590 Datasheet HTML 3Page - TDK Electronics B25673A6122A590 Datasheet HTML 4Page - TDK Electronics B25673A6122A590 Datasheet HTML 5Page - TDK Electronics B25673A6122A590 Datasheet HTML 6Page - TDK Electronics B25673A6122A590 Datasheet HTML 7Page - TDK Electronics B25673A6122A590 Datasheet HTML 8Page - TDK Electronics B25673A6122A590 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Film Capacitors – Power Factor Correction
B25673A6122A590
PhaseCap Compact capacitors
MKK690-D-12.5-02
FILM PFC PM
January 2012
Please read Cautions and warnings and
Page 4 of 10
Important notes at the end of this document.
M ax. allo wable po wer lo ss at specific ambient Temp.
B 25673A 6122A 590
0
2
4
6
8
10
15
35
55
75
95
Θ amb
M ax. allo wable current (rms) at specific ambient Temp.
B 25673A 6122A 590
0
4
8
12
16
20
15
35
55
75
95
Θ amb
M ax. allo wable ambient Temp. at specific po wer lo ss
B 25673A 6122A 590
15
30
45
60
75
90
02
4
68
10
P max
M ax. allo wable ambient Temp. at specific current (rms)
B 25673A 6122A 590
15
30
45
60
75
90
04
8
12
16
20
I max
Climatic category –40/60
Θ min
–40 ºC
Θ max
60 ºC
Storage temperature
–40 ºC….+85 ºC
hotspot Max.
85 ºC
P max
at
Θambient
3.8 W
55 ºC
2.5 W
65 ºC
1.3 W
75 ºC
Maximum power loss at
Θambient
0.0 W
85 ºC
Humidity
av. rel. < 95%
Degree of protection
IP 20
Maximum altitude
4,000 m


Similar Part No. - B25673A6122A590

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25673A6102A090 TDK-B25673A6102A090 Datasheet
196Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A6152A090 TDK-B25673A6152A090 Datasheet
235Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B25673A6122A590

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com