Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMK107BLD474KA-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMK107BLD474KA-T
Description  Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMK107BLD474KA-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  TMK107BLD474KA-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
TMK107BLD474KA-T
Features
Item Summary
25V, X5R, 0.47μF, ±10%, 0603
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping paper 4000pcs
Products characteristics table
CaseSize (EIA/JIS)
0603/1608
Rated Voltage (max)
25V
Capacitance
0.47μF
Capacitance Tolerance
±10%
Resistance
100 MΩ・μF min.
Dielectric Loss Tangent
10%MAX
Temperature Characteristics (EIA/JIS)
X5R/-
Temperature Range (EIA/JIS)
-55 to +85℃/-
Capacitance Change (EIA/JIS)
±15/-%
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1.6mm +0.20:-0.00
W
0.8mm +0.20:-0.00
T
0.8mm +0.20:-0.00
e
0.35mm ±0.25
2015.01.05
1 / 1


Similar Part No. - TMK107BLD474KA-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK107BLD474MA-T TAIYO-YUDEN-TMK107BLD474MA-T Datasheet
143Kb / 1P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
More results

Similar Description - TMK107BLD474KA-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK107BLD224KA-T TAIYO-YUDEN-UMK107BLD224KA-T Datasheet
137Kb / 1P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
UMK325LD155KM-T TAIYO-YUDEN-UMK325LD155KM-T Datasheet
137Kb / 1P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
TMK107BLD105MA-T TAIYO-YUDEN-TMK107BLD105MA-T Datasheet
289Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
GMK212BLD225MG-T TAIYO-YUDEN-GMK212BLD225MG-T Datasheet
289Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
GMK212LD105KG-T TAIYO-YUDEN-GMK212LD105KG-T Datasheet
289Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
UMK316LD105ML-T TAIYO-YUDEN-UMK316LD105ML-T Datasheet
288Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
TMK107BLD474MA-T TAIYO-YUDEN-TMK107BLD474MA-T Datasheet
143Kb / 1P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
UMK325LD105KN-T TAIYO-YUDEN-UMK325LD105KN-T Datasheet
288Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
UMK325LD105MN-T TAIYO-YUDEN-UMK325LD105MN-T Datasheet
288Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
GMK316BLD475ML-T TAIYO-YUDEN-GMK316BLD475ML-T Datasheet
290Kb / 2P
   Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com