Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA05JT12-247 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # GA05JT12-247
Description  Normally ??OFF Silicon Carbide Junction Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GA05JT12-247 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  GA05JT12-247 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GA05JT12-247 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GA05JT12-247 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GA05JT12-247 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GA05JT12-247 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GA05JT12-247 Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GA05JT12-247 Datasheet HTML 7Page - GeneSiC Semiconductor, Inc. GA05JT12-247 Datasheet HTML 8Page - GeneSiC Semiconductor, Inc. GA05JT12-247 Datasheet HTML 9Page - GeneSiC Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
GA05JT12-247
Nov 2014
http://www.genesicsemi.com/commercial-sic/sic-junction-transistors/
Pg1 of 11
S
D
G
Normally – OFF Silicon Carbide
Junction Transistor
Features
Package
 175 °C Maximum Operating Temperature
 Gate Oxide Free SiC Switch
 Exceptional Safe Operating Area
 Excellent Gain Linearity
 Temperature Independent Switching Performance
 Low Output Capacitance
 Positive Temperature Coefficient of RDS,ON
 Suitable for Connecting an Anti-parallel Diode
 RoHS Compliant
TO-247
 
Advantages
Applications
 Compatible with Si MOSFET/IGBT Gate Drive ICs
 > 20 µs Short-Circuit Withstand Capability
 Lowest-in-class Conduction Losses
 High Circuit Efficiency
 Minimal Input Signal Distortion
 High Amplifier Bandwidth
 Down Hole Oil Drilling, Geothermal Instrumentation
 Hybrid Electric Vehicles (HEV)
 Solar Inverters
 Switched-Mode Power Supply (SMPS)
 Power Factor Correction (PFC)
 Induction Heating
 Uninterruptible Power Supply (UPS)
 Motor Drives
Table of Contents
Section I: Absolute Maximum Ratings .......................................................................................................... 1 
Section II: Static Electrical Characteristics................................................................................................... 2 
Section III: Dynamic Electrical Characteristics ............................................................................................ 2 
Section IV: Figures .......................................................................................................................................... 3 
Section V: Driving the GA05JT12-247 ........................................................................................................... 7 
Section VI: Package Dimensions ................................................................................................................. 11 
Section VII: SPICE Model Parameters ......................................................................................................... 12 
Section I: Absolute Maximum Ratings
Parameter
Symbol
Conditions
Value
Unit
Notes
Drain – Source Voltage
VDS
VGS = 0 V
1200
V
Continuous Drain Current
ID
TC = 25°C
15
A
Fig. 17
Continuous Drain Current
ID
TC = 160°C
5
A
Fig. 17
Continuous Gate Current
IG
0.2
A
Turn-Off Safe Operating Area
RBSOA
TVJ = 175
oC,
Clamped Inductive Load
ID,max = 5
@ VDS ≤ VDSmax
A
Fig. 19
Short Circuit Safe Operating Area
SCSOA
TVJ = 175
oC, IG = 0.2 A, VDS = 800 V,
Non Repetitive
> 20
µs
Reverse Gate – Source Voltage
VSG
30
V
Reverse Drain – Source Voltage
VSD
25
V
Power Dissipation
Ptot
TC = 25 °C / 160 °C, tp > 100 ms
106 / 10
W
Fig. 16
Storage Temperature
Tstg
-55 to 175
°C
S
G
D
D
VDS
=
1200 V
RDS(ON)
=
210 mΩ
ID (Tc = 25°C)
=
15 A
ID (Tc > 125°C)
=
5 A
hFE (Tc = 25°C)
=
80


Similar Part No. - GA05JT12-247

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA05JT12-247 GENESIC-GA05JT12-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
More results

Similar Description - GA05JT12-247

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA04JT17-247 GENESIC-GA04JT17-247 Datasheet
999Kb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT06-CAL GENESIC-GA05JT06-CAL Datasheet
440Kb / 7P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT12-263 GENESIC-GA05JT12-263 Datasheet
734Kb / 9P
   Normally ??OFF Silicon Carbide Junction Transistor
GA10JT12-263 GENESIC-GA10JT12-263 Datasheet
913Kb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA10JT12-CAL GENESIC-GA10JT12-CAL Datasheet
488Kb / 8P
   Normally ??OFF Silicon Carbide Junction Transistor
GA50JT06-258 GENESIC-GA50JT06-258 Datasheet
1Mb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT03-46 GENESIC-GA05JT03-46 Datasheet
1Mb / 11P
   Normally ??OFF Silicon Carbide Junction Transistor
GA20JT12-247 GENESIC-GA20JT12-247 Datasheet
1Mb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
2N7637-GA GENESIC-2N7637-GA Datasheet
1Mb / 9P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT12-CAL GENESIC-GA05JT12-CAL Datasheet
478Kb / 8P
   Normally ??OFF Silicon Carbide Junction Transistor
GAP05SLT80-220 GENESIC-GAP05SLT80-220 Datasheet
201Kb / 3P
   Normally ??OFF Silicon Carbide Junction Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com