Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA10SICP12-247 Datasheet(PDF) 2 Page - GeneSiC Semiconductor, Inc.

Part # GA10SICP12-247
Description  Transistor/Schottky Diode Co-pack
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GA10SICP12-247 Datasheet(HTML) 2 Page - GeneSiC Semiconductor, Inc.

  GA10SICP12-247 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GA10SICP12-247 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GA10SICP12-247 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GA10SICP12-247 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GA10SICP12-247 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GA10SICP12-247 Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GA10SICP12-247 Datasheet HTML 7Page - GeneSiC Semiconductor, Inc. GA10SICP12-247 Datasheet HTML 8Page - GeneSiC Semiconductor, Inc. GA10SICP12-247 Datasheet HTML 9Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
 
GA10SICP12-247
Aug 2014
http://www.genesicsemi.com/commercial-sic/sic-modules-copack/
Pg2 of 8 
Electrical Characteristics at Tj = 175 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
SJT On-State Characteristics
Drain – Source On Resistance
RDS(ON)
ID = 10 A, IG = 200 mA, Tj = 25 °C
120
mΩ
ID = 10 A, IG = 400 mA, Tj = 125 °C
150
ID = 10 A, IG = 800 mA, Tj = 175 °C
220
Gate Forward Voltage
VGS(FWD)
IG = 500 mA, Tj = 25 °C
3.3
V
IG = 500 mA, Tj = 175 °C
3.1
DC Current Gain
hFE
VDS = 5 V, ID = 10 A, Tj = 25 °C
VDS = 5 V, ID = 10 A, Tj = 175 °C
100
TBD
SJT Off-State Characteristics
Drain Leakage Current
IDSS
VR = 1200 V, VGS = 0 V, Tj = 25 °C
VR = 1200 V, VGS = 0 V, Tj = 125 °C
350
530
nA
VR = 1200 V, VGS = 0 V, Tj = 175 °C
700
Gate Leakage Current
ISG
VSG = 20 V, Tj = 25 °C
20
nA
SJT Capacitance Characteristics
Input Capacitance
Ciss
VGS = 0 V, VD = 1 V, f = 1 MHz
tbd
pF
Reverse Transfer/Output Capacitance
Crss/Coss
VD = 1 V, f = 1 MHz
tbd
pF
SJT Switching Characteristics
Turn On Delay Time
td(on)
VDD = 800 V, ID = 10 A,
RG(on) = RG(off) = tbd Ω,
FWD = GB10SLT12,
Tj = 25 ºC
Refer to Figure 15 for gate current
waveform
tbd
ns
Rise Time
tr
tbd
 
ns
Turn Off Delay Time
td(off)
tbd
 
ns
Fall Time
tf
tbd
 
ns
Turn-On Energy Per Pulse
Eon
tbd
 
µJ
Turn-Off Energy Per Pulse
Eoff
tbd
 
µJ
Total Switching Energy
Ets
tbd
 
µJ
Turn On Delay Time
td(on)
VDD = 800 V, ID = 10 A,
RG(on) = RG(off) = tbd Ω,
FWD = GB10SLT12,
Tj = 175 ºC
Refer to Figure 15 for gate current
waveform
tbd
 
Rise Time
tr
tbd
 
ns
Turn Off Delay Time
td(off)
tbd
 
ns
Fall Time
tf
tbd
 
ns
Turn-On Energy Per Pulse
Eon
tbd
 
µJ
Turn-Off Energy Per Pulse
Eoff
tbd
 
µJ
Total Switching Energy
Ets
tbd
 
µJ
Free-wheeling Silicon Carbide Schottky Diode
Forward Voltage
VF
IF = 10 A, VGE = 0 V,
Tj = 25 ºC (175 ºC )
1.55
V
Diode Knee Voltage
VD(knee)
Tj = 25 ºC, IF = 1 mA
0.8
V
Peak Reverse Recovery Current
Irrm
IF = 10 A, VGE = 0 V, VR = 800 V,
-dIF/dt = 625 A/µs, Tj = 175 ºC
tbd
A
Reverse Recovery Time
trr
tbd
ns
Rise Time
tr
VDD= 800 V, ID = 10 A,
Rgon = Rgoff = tbd Ω,
Tj= 25 ºC
tbd
ns
Fall Time
tf
tbd
ns
Turn-On Energy Loss Per Pulse
Eon
tbd
μJ
Turn-Off Energy Loss Per Pulse
Eoff
tbd
μJ
Reverse Recovery Charge
Qrr
tbd
nC
Rise Time
tr
VDD= 800 V, ID = 10 A,
Rgon = Rgoff = tbd Ω,
Tj= 175 ºC
tbd
ns
Fall Time
tf
tbd
ns
Turn-On Energy Loss Per Pulse
Eon
tbd
μJ
Turn-Off Energy Loss Per Pulse
Eoff
tbd
μJ
Reverse Recovery Charge
Qrr
tbd
nC


Similar Part No. - GA10SICP12-247

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA10SICP12-247 GENESIC-GA10SICP12-247_15 Datasheet
1Mb / 12P
   Silicon Carbide Junction Transistor/Schottky Diode Co-Pack
More results

Similar Description - GA10SICP12-247

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA100SICP12-227 GENESIC-GA100SICP12-227 Datasheet
258Kb / 9P
   Transistor/Schottky Diode Co-pack
GA20SICP12-263 GENESIC-GA20SICP12-263 Datasheet
958Kb / 9P
   Transistor/Schottky Diode Co-pack
GA50SICP12-227 GENESIC-GA50SICP12-227 Datasheet
275Kb / 9P
   Transistor/Schottky Diode Co-pack
GA10SICP12-247 GENESIC-GA10SICP12-247_15 Datasheet
1Mb / 12P
   Silicon Carbide Junction Transistor/Schottky Diode Co-Pack
GA20SICP12-247 GENESIC-GA20SICP12-247 Datasheet
1Mb / 12P
   Silicon Carbide Junction Transistor/Schottky Diode Co-Pack
GA100SICP12-227 GENESIC-GA100SICP12-227_15 Datasheet
1Mb / 13P
   Silicon Carbide Junction Transistor/Schottky Diode Co-pack
GA50SICP12-227 GENESIC-GA50SICP12-227_15 Datasheet
1Mb / 13P
   Silicon Carbide Junction Transistor/Schottky Diode Co-Pack
GA35XCP12-247 GENESIC-GA35XCP12-247 Datasheet
397Kb / 5P
   IGBT/SiC Diode Co-pack
GB100XCP12-227 GENESIC-GB100XCP12-227 Datasheet
657Kb / 6P
   IGBT/SiC Diode Co-pack
logo
International Rectifier
IRF7807VD2TRPBF IRF-IRF7807VD2TRPBF Datasheet
143Kb / 9P
   Co-Pack N-channel HEXFET짰 Power MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com