Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA20JT06-CAL Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # GA20JT06-CAL
Description  Normally ??OFF Silicon Carbide Junction Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GA20JT06-CAL Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  GA20JT06-CAL Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GA20JT06-CAL Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GA20JT06-CAL Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GA20JT06-CAL Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GA20JT06-CAL Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GA20JT06-CAL Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GA20JT06-CAL Datasheet HTML 7Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
Die Datasheet
GA20JT06-CAL
August 2014
http://www.genesicsemi.com/high-temperature-sic/high-temperature-sic-bare-die/
Pg1 of 6
 
Normally – OFF Silicon Carbide
Junction Transistor
Features
 250°C maximum operating temperature
 Gate Oxide Free SiC switch
 Exceptional Safe Operating Area
 Excellent Gain Linearity
 Temperature Independent Switching Performance
 Low Output Capacitance
 Positive Temperature Co-efficient of RDS,ON
 Suitable for connecting an anti-parallel diode
Advantages
Applications
 Compatible with Si MOSFET/IGBT gate-drivers
 > 20 µs Short-Withstand Capability
 Lowest-in-class Conduction Losses
 High Circuit Efficiency
 Minimal Input Signal Distortion
 High Amplifier Bandwidth
 Down Hole Oil Drilling, Geothermal Instrumentation
 Hybrid Electric Vehicles (HEV)
 Solar Inverters
 Switched-Mode Power Supply (SMPS)
 Power Factor Correction (PFC)
 Induction Heating
 Uninterruptible Power Supply (UPS)
 Motor Drives
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Values
Unit
Drain – Source Voltage
VDS
VGS = 0 V
600
V
Continuous Drain Current
ID
TVJ < 250 °C
20
A
Gate Peak Current
IGM
10
A
Turn-Off Safe Operating Area
RBSOA
TVJ = 250
oC, IG = 1 A,
Clamped Inductive Load
ID,max = 20
@ VDS ≤ VDSmax
A
Short Circuit Safe Operating Area
SCSOA
TVJ = 250
oC, IG = 1 A, VDS = 400 V,
Non Repetitive
20
µs
Reverse Gate – Source Voltage
VGS
30
V
Reverse Drain – Source Voltage
VDS
40
V
Operating and Storage Temperature
Tj, Tstg
-55 to 250
°C
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
On Characteristics
Drain – Source On Resistance
RDS(ON)
ID = 20 A, IG = 400 mA, Tj = 25 °C
ID = 20 A, IG = 500 mA, Tj = 125 °C
ID = 20 A, IG = 1000 mA, Tj = 175 °C
ID = 20 A, IG = 1000 mA, Tj = 250 °C
65
90
mΩ
110
165
Gate Forward Voltage
VGS(FWD)
IG = 1000 mA, Tj = 25 °C
3.0
V
IG = 1000 mA, Tj = 250 °C
2.7
DC Current Gain
hFE
VDS = 5 V, ID = 20 A, Tj = 25 °C
VDS = 5 V, ID = 20 A, Tj = 125 °C
VDS = 5 V, ID = 20 A, Tj = 175 °C
VDS = 5 V, ID = 20 A, Tj = 250 °C
110
78
73
69
Off Characteristics
Drain Leakage Current
IDSS
VR = 600 V, VGS = 0 V, Tj = 25 °C
10
µA
VR = 600 V, VGS = 0 V, Tj = 250 °C
100
Gate – Source Leakage Current
IGSS
VGS = -20 V, Tj = 25 °C
20
nA
Capacitance Characteristics
Input Capacitance
Ciss
VGS = 0 V, VD = 100 V, f = 1 MHz
2500
pF
Reverse Transfer/Output Capacitance
Crss/Coss
VD = 100 V, f = 1 MHz
160
pF
VDS
=
600 V
RDS(ON)
=
65 mΩ
ID (Tc = 25°C) =
45 A
hFE(Tc = 25°C) =
110


Similar Part No. - GA20JT06-CAL

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA20JT06-CAL GENESIC-GA20JT06-CAL_15 Datasheet
804Kb / 10P
   Silicon Carbide Junction Transistor
More results

Similar Description - GA20JT06-CAL

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA04JT17-247 GENESIC-GA04JT17-247 Datasheet
999Kb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT06-CAL GENESIC-GA05JT06-CAL Datasheet
440Kb / 7P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT12-263 GENESIC-GA05JT12-263 Datasheet
734Kb / 9P
   Normally ??OFF Silicon Carbide Junction Transistor
GA10JT12-263 GENESIC-GA10JT12-263 Datasheet
913Kb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA10JT12-CAL GENESIC-GA10JT12-CAL Datasheet
488Kb / 8P
   Normally ??OFF Silicon Carbide Junction Transistor
GA50JT06-258 GENESIC-GA50JT06-258 Datasheet
1Mb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT03-46 GENESIC-GA05JT03-46 Datasheet
1Mb / 11P
   Normally ??OFF Silicon Carbide Junction Transistor
GA20JT12-247 GENESIC-GA20JT12-247 Datasheet
1Mb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
2N7637-GA GENESIC-2N7637-GA Datasheet
1Mb / 9P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT12-CAL GENESIC-GA05JT12-CAL Datasheet
478Kb / 8P
   Normally ??OFF Silicon Carbide Junction Transistor
GAP05SLT80-220 GENESIC-GAP05SLT80-220 Datasheet
201Kb / 3P
   Normally ??OFF Silicon Carbide Junction Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com