Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA50JT17-247 Datasheet(PDF) 2 Page - GeneSiC Semiconductor, Inc.

Part # GA50JT17-247
Description  Normally ??OFF Silicon Carbide Junction Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GA50JT17-247 Datasheet(HTML) 2 Page - GeneSiC Semiconductor, Inc.

  GA50JT17-247 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GA50JT17-247 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GA50JT17-247 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GA50JT17-247 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GA50JT17-247 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GA50JT17-247 Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GA50JT17-247 Datasheet HTML 7Page - GeneSiC Semiconductor, Inc. GA50JT17-247 Datasheet HTML 8Page - GeneSiC Semiconductor, Inc. GA50JT17-247 Datasheet HTML 9Page - GeneSiC Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
GA50JT17-247
Dec 2014
http://www.genesicsemi.com/commercial-sic/sic-junction-transistors/
Pg2 of 11
Section II: Static Electrical Characteristics
A: On State
B: Off State
C: Thermal
Section III: Dynamic Electrical Characteristics
A: Capacitance and Gate Charge
B: Switching
1
1 – All times are relative to the Drain-Source Voltage V
DS
Parameter
Symbol
Conditions
Value
Unit
Notes
Min.
Typical
Max.
Drain
– Source On Resistance
RDS(ON)
ID = 50 A, Tj = 25 °C
ID = 50 A, Tj = 125 °C
ID = 50 A, Tj = 175 °C
20
25
38
49
28
Fig. 5
Gate
– Source Saturation Voltage
VGS,SAT
ID = 50 A, ID/IG = 40, Tj = 25 °C
ID = 50 A, ID/IG = 30, Tj = 175 °C
3.42
3.23
V
Fig. 7
DC Current Gain
hFE
VDS = 5 V, ID = 50 A, Tj = 25 °C
VDS = 5 V, ID = 50 A, Tj = 125 °C
VDS = 5 V, ID = 50 A, Tj = 175 °C
104
65
58
Fig. 5
Drain Leakage Current
IDSS
VDS = 1700 V, VGS = 0 V, Tj = 25 °C
VDS = 1700 V, VGS = 0 V, Tj = 125 °C
VDS = 1700 V, VGS = 0 V, Tj = 175 °C
1
1
1
20
μA
Fig. 8
Gate Leakage Current
ISG
VSG = 20 V, Tj = 25 °C
20
nA
Thermal resistance, junction - case
RthJC
0.26
°C/W
Fig. 20
Parameter
Symbol
Conditions
Value
Unit
Notes
Min.
Typical
Max.
Input Capacitance
Ciss
VGS = 0 V, VDS = 1200 V, f = 1 MHz
7205
pF
Fig. 9
Reverse Transfer/Output Capacitance
Crss/Coss
VDS = 1200 V, f = 1 MHz
120
pF
Fig. 9
Output Capacitance Stored Energy
EOSS
VGS = 0 V, VDS = 1200 V, f = 1 MHz
86
µJ
Fig. 10
Effective Output Capacitance,
time related
Coss,tr
ID = constant, VGS = 0 V, VDS = 0…1200 V
194
pF
Effective Output Capacitance,
energy related
Coss,er
VGS = 0 V, VDS = 0…1200 V
139
pF
Gate-Source Charge
QGS
VGS = -5…3 V
55
nC
Gate-Drain Charge
QGD
VGS = 0 V, VDS = 0…1200 V
233
nC
Gate Charge - Total
QG
288
nC
Internal Gate Resistance
– zero bias
RG(INT-ZERO)
f = 1 MHz, VAC = 50 mV, VDS = 0 V,
VGS = 0 V, Tj = 175 ºC
0.59
Ω
Internal Gate Resistance
– ON
RG(INT-ON)
VGS > 2.5 V, VDS = 0 V, Tj = 175 ºC
0.09
Ω
Turn On Delay Time
td(on)
Tj = 25 ºC, VDS = 1200 V,
ID = 50 A, Resistive Load
Refer to Section V for additional
driving information.
55
ns
Fall Time, VDS
tf
83
ns
Fig. 11, 13
Turn Off Delay Time
td(off)
63
ns
Rise Time, VDS
tr
29
ns
Fig. 12, 14
Turn On Delay Time
td(on)
Tj = 175 ºC, VDS = 1200 V,
ID = 50 A, Resistive Load
49
ns
Fall Time, VDS
tf
88
ns
Fig. 11
Turn Off Delay Time
td(off)
61
ns
Rise Time, VDS
tr
28
ns
Fig. 12
Turn-On Energy Per Pulse
Eon
Tj = 25 ºC, VDS = 1200 V,
ID = 50 A, Inductive Load
Refer to Section V.
4300
µJ
Fig. 11, 13
Turn-Off Energy Per Pulse
Eoff
748
µJ
Fig. 12, 14
Total Switching Energy
Etot
5048
µJ
Turn-On Energy Per Pulse
Eon
Tj = 175 ºC, VDS = 1200 V,
ID = 50 A, Inductive Load
4100
µJ
Fig. 11
Turn-Off Energy Per Pulse
Eoff
731
µJ
Fig. 12
Total Switching Energy
Etot
4831
µJ


Similar Part No. - GA50JT17-247

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA50JT17-247 GENESIC-GA50JT17-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
More results

Similar Description - GA50JT17-247

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA04JT17-247 GENESIC-GA04JT17-247 Datasheet
999Kb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT06-CAL GENESIC-GA05JT06-CAL Datasheet
440Kb / 7P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT12-263 GENESIC-GA05JT12-263 Datasheet
734Kb / 9P
   Normally ??OFF Silicon Carbide Junction Transistor
GA10JT12-263 GENESIC-GA10JT12-263 Datasheet
913Kb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA10JT12-CAL GENESIC-GA10JT12-CAL Datasheet
488Kb / 8P
   Normally ??OFF Silicon Carbide Junction Transistor
GA50JT06-258 GENESIC-GA50JT06-258 Datasheet
1Mb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT03-46 GENESIC-GA05JT03-46 Datasheet
1Mb / 11P
   Normally ??OFF Silicon Carbide Junction Transistor
GA20JT12-247 GENESIC-GA20JT12-247 Datasheet
1Mb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
2N7637-GA GENESIC-2N7637-GA Datasheet
1Mb / 9P
   Normally ??OFF Silicon Carbide Junction Transistor
GA05JT12-CAL GENESIC-GA05JT12-CAL Datasheet
478Kb / 8P
   Normally ??OFF Silicon Carbide Junction Transistor
GAP05SLT80-220 GENESIC-GAP05SLT80-220 Datasheet
201Kb / 3P
   Normally ??OFF Silicon Carbide Junction Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com