Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB202_N_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BB202_N_2015
Description  Low-voltage variable capacitance diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BB202_N_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BB202_N_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BB202_N_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BB202_N_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BB202_N_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BB202_N_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BB202_N_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NXP Semiconductors
Product specification
Low-voltage variable capacitance diode
BB202
FEATURES
• Very steep C/V curve
• C0.2: 30.5 pF; C2.3: 9.5 pF
• C0.2 to C2.3 ratio: min. 2.5
• Very low series resistance
• Ultra small SMD plastic package.
APPLICATIONS
• Electronic tuning in FM radio
• Voltage Controlled Oscillators (VCO).
DESCRIPTION
The BB202 is a variable capacitance diode, fabricated in
planar technology, and encapsulated in the SOD523 ultra
small SMD plastic package.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
BB202
L2
PIN
DESCRIPTION
1
cathode
2
anode
handbook, 2 columns
12


MBK441
The marking bar indicates the cathode.
Fig.1 Simplified outline (SOD523) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
6V
IF
continuous forward current
10
mA
Tstg
storage temperature
−55
+85
°C
Tj
operating junction temperature
−55
+85
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IR
reverse current
VR = 6 V; see Fig.3
−−
10
nA
VR =6V; Tj =85 °C; see
Fig 3
−−
100
nA
rs
diode series resistance
f = 100 MHz; C = 30 pF
0.35
0.6
Cd
diode capacitance
VR = 0.2; f = 1 MHz;
see Fig.2 and Fig.4
28.2
33.5
pF
VR = 2.3; f = 1 MHz;
see Fig.2 and Fig.4
7.2
11.2
pF
capacitance ratio
f = 1 MHz
2.5
−−
C
d 0.2V
()
C
d 2.3V
()
--------------------
Rev. 02 - 3 January 2008
2 of 6


Similar Part No. - BB202_N_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB202_N PHILIPS-BB202_N_15 Datasheet
234Kb / 6P
   Low-voltage variable capacitance diode
Rev. 02-3 January 2008
logo
Quanzhou Jinmei Electro...
BB202_N JMNIC-BB202_N_15 Datasheet
234Kb / 6P
   Low-voltage variable capacitance diode
More results

Similar Description - BB202_N_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB202 NXP-BB202 Datasheet
227Kb / 6P
   Low-voltage variable capacitance diode
Rev. 02-3 January 2008
BB156 NXP-BB156_04 Datasheet
58Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 01
BB142 PHILIPS-BB142 Datasheet
44Kb / 8P
   Low-voltage variable capacitance diode
1999 May 12
BB156 PHILIPS-BB156 Datasheet
53Kb / 8P
   Low-voltage variable capacitance diode
1998 Aug 17
BB145B PHILIPS-BB145B_15 Datasheet
137Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 29
logo
Quanzhou Jinmei Electro...
BB145B-01 JMNIC-BB145B-01_15 Datasheet
59Kb / 6P
   Low-voltage variable capacitance diode
logo
NXP Semiconductors
BB141 PHILIPS-BB141 Datasheet
44Kb / 8P
   Low-voltage variable capacitance diode
1999 May 12
logo
Leshan Radio Company
BB142 LRC-BB142 Datasheet
127Kb / 2P
   Low-voltage variable capacitance diode
logo
Zhaoxingwei Electronics...
BB156 ZHAOXINGWEI-BB156 Datasheet
45Kb / 1P
   Low-Voltage Variable Capacitance Diode
logo
Quanzhou Jinmei Electro...
BB156_2015 JMNIC-BB156_2015 Datasheet
58Kb / 7P
   Low-voltage variable capacitance diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com