Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBY40_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BBY40_2015
Description  VHF variable capacitance diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BBY40_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BBY40_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BBY40_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BBY40_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BBY40_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1996 May 03
3
Philips Semiconductors
Product specification
VHF variable capacitance diode
BBY40
GRAPHICAL DATA
Fig.2 Diode capacitance as a function of reverse voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, full pagewidth
0
50
MBE610 - 1
10 2
10
1
10 −1
10
20
30
40
Cd
(pF)
V
R
(V)
Fig.3
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
100
0
10
MLC816
102
10 3
50
IR
(nA)
T ( C)
j
o
Fig.4
Temperature coefficient of diode
capacitance as a function of reverse
voltage; typical values.
handbook, halfpage
MLC815
110
10
2
10
3
10
4
10
5
10
1
(K−1)
V (V)
R
d
TC


Similar Part No. - BBY40_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BBY40 PHILIPS-BBY40_15 Datasheet
126Kb / 7P
   VHF variable capacitance diode
1996 May 03
logo
Quanzhou Jinmei Electro...
BBY40 JMNIC-BBY40_15 Datasheet
35Kb / 4P
   VHF variable capacitance diode
More results

Similar Description - BBY40_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
logo
Quanzhou Jinmei Electro...
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB173 NXP-BB173 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com