Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDT1346-GI-SF Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # PDT1346-GI-SF
Description  Pigtailed PIN Photodiodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PDT1346-GI-SF Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  PDT1346-GI-SF Datasheet HTML 1Page - Agilent(Hewlett-Packard) PDT1346-GI-SF Datasheet HTML 2Page - Agilent(Hewlett-Packard) PDT1346-GI-SF Datasheet HTML 3Page - Agilent(Hewlett-Packard) PDT1346-GI-SF Datasheet HTML 4Page - Agilent(Hewlett-Packard) PDT1346-GI-SF Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
509
Pigtailed PIN Photodiodes
Technical Data
PDT1X4X
Description
The PDT range of products
includes a variety of compact
fiber pigtailed devices designed
for wide operating temperature,
low cost applications such as
fiber in the loop. The planar
InGaAs photodiodes are manufac-
tured using MOVPE growth tech-
nology and give low leakage and
high responsivity performance
with excellent reliability.
The construction of the devices
includes a hermetically sealed
photodiode and an actively
aligned fiber pigtail and is
designed to be compatible with
the environmental requirements
of the Bellcore TA-TSY-000983
document.
Features
• Variety of Flange/Pinout
Options
• Fiber Pigtail Options
• Compact Package
• High Reliability Planar
InGaAs PIN Photodiode
• High Responsivity
Applications
• Instrumentation
• O-E Converters
• Single and Multimode Fiber
Communications Systems
• Data Communications
Receivers
• FDDI
The product range includes a
variety of pinout, fiber type and
package mounting bracket
options, designed to match the
majority of offerings in the
marketplace. If the specific
arrangement or performance you
require is not listed, please
contact Hewlett-Packard. Highly
flexible design and manufacturing
processes allow both physical and
electro-optic customization to
suit your needs.
5963-3401E (11/94)


Similar Part No. - PDT1346-GI-SF

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT10012 NIEC-PDT10012 Datasheet
322Kb / 5P
   THYRISTOR MODULE 100A/1200 to 1600V
PDT10012 NIEC-PDT10012 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PDT10012 NIEC-PDT10012_1 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PDT10016 NIEC-PDT10016 Datasheet
322Kb / 5P
   THYRISTOR MODULE 100A/1200 to 1600V
PDT10016 NIEC-PDT10016 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
More results

Similar Description - PDT1346-GI-SF

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDA2446 HP-PDA2446 Datasheet
267Kb / 8P
   Analog Pigtailed PIN Photodiodes
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
   PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
   PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
logo
Hamamatsu Corporation
S2506 HAMAMATSU-S2506_15 Datasheet
163Kb / 5P
   Si PIN photodiodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com