Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32026A3334 Datasheet(PDF) 11 Page - TDK Electronics

Part # B32026A3334
Description  Film Capacitors - Power Factor Correction
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32026A3334 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B32026A3334 Datasheet HTML 7Page - TDK Electronics B32026A3334 Datasheet HTML 8Page - TDK Electronics B32026A3334 Datasheet HTML 9Page - TDK Electronics B32026A3334 Datasheet HTML 10Page - TDK Electronics B32026A3334 Datasheet HTML 11Page - TDK Electronics B32026A3334 Datasheet HTML 12Page - TDK Electronics B32026A3334 Datasheet HTML 13Page - TDK Electronics B32026A3334 Datasheet HTML 14Page - TDK Electronics B32026A3334 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Damp Heat
Steady State
IEC 60384-14
Test Ca
40
°C / 93% RH / 56 days
No visible damage
I
∆C/C
0 I
≤ 5%
I
∆ tan δ I ≤ 0.008,
C
≤ 1 µF
I
∆ tan δ I > 0.005,
C > 1
µF
Voltage proof
RINS
≥ 50% of initial limit
Impulse test
Endurance
IEC 60384-14
3 impulses
TB / 1.7 VR / 1000 hours,
1000 Vrms for 0.1 s every hour
No visible damage
I
∆C/C
0 I
≤ 10%
I
∆ tan δ I ≤ 0.008,
C
≤ 1 µF
I
∆ tan δ I > 0.005,
C > 1
µF
Voltage proof
RINS
≥ 50% of initial limit
Passive
flammability
IEC 60384-14
Flame applied for a period of time
depending on capacitor volume
B
Active
flammability
IEC 60384-14
20 discharges at 2.5 kV + VR
The cheesecloth shall
not burn with a flame
B32021 ... B32026
Y2 / 300 V AC
Page 11 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32026A3334

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32026A3334 EPCOS-B32026A3334 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32026A3334 TDK-B32026A3334 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
EPCOS
B32026A3334K000 EPCOS-B32026A3334K000 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32026A3334K189 EPCOS-B32026A3334K189 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32026A3334K289 EPCOS-B32026A3334K289 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32026A3334

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com