Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32344E3071A580 Datasheet(PDF) 6 Page - TDK Electronics

Part # B32344E3071A580
Description  Film Capacitors - Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32344E3071A580 Datasheet(HTML) 6 Page - TDK Electronics

Back Button B32344E3071A580 Datasheet HTML 2Page - TDK Electronics B32344E3071A580 Datasheet HTML 3Page - TDK Electronics B32344E3071A580 Datasheet HTML 4Page - TDK Electronics B32344E3071A580 Datasheet HTML 5Page - TDK Electronics B32344E3071A580 Datasheet HTML 6Page - TDK Electronics B32344E3071A580 Datasheet HTML 7Page - TDK Electronics B32344E3071A580 Datasheet HTML 8Page - TDK Electronics B32344E3071A580 Datasheet HTML 9Page - TDK Electronics B32344E3071A580 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Film Capacitors – Power Factor Correction
B32344ExxxxAxxx
PhiCap capacitors
B32344E-series
FILM PFC PM
October 2011
Please read Cautions and warnings and
Page 6 of 10
Important notes at the end of this document.
50 Hz
60 Hz
Type
Ordering code
Output
kvar
IR
A
Output
kvar
IR
A
CR
µF
Dimensions
d x h
mm
Weight
kg
Rated voltage 600 V, 50/60 Hz, delta connection
MKP600-D-4.2
B32344E6051A000
4.2
4.0
5.0
4.8
3
12
79.5 x 198
0.5
MKP600-D-5.3
B32344E6061A300
5.3
5.1
6.3
6.1
3
16
79.5 x 198
0.5
MKP600-D-6.2
B32344E6071A500
6.2
6.0
7.5
7.2
3
18
79.5 x 198
0.5
MKP600-D-6.9
B32344E6081A300
6.9
6.6
8.3
8.0
3
20
79.5 x 198
0.6
MKP600-D-8.3
B32344E6101A000
8.3
8.0
10.0
9.6
3
25
79.5 x 198
0.6
MKP600-D-10.5
B32344E6121A500
10.4
10.0
12.5
12.0
3
31
89.5 x 198
0.8
MKP600-D-12.5
B32344E6151A000
12.5
12.0
15.0
14.4
3
37
89.5 x 273
0.8
MKP600-D-13.9
B32344E6161A700
13.9
13.4
16.7
16.1
3
41
89.5 x 273
1.2
MKP600-D-14.6
B32344E6171A500
14.6
14.0
17.5
16.8
3
43
89.5 x 273
1.2
MKP600-D-16.7
B32344E6201A000
16.7
16.1
20.0
19.2
3
49
89.5 x 273
1.5
MKP600-D-20.8
B32344E6251A000
20.8
20.0
25.0
24.1
3 x 61
89.5 x 348
1.5
Rated voltage 660 V, 50/60 Hz, delta connection
MKP660-D-4.2
B32344E6051A060
4.2
3.7
5.0
4.4
3
10
79.5 x 198
0.3
MKP660-D-6.2
B32344E6071A560
6.2
5.4
7.5
6.6
3
15
79.5 x 198
0.3
MKP660-D-6.9
B32344E6081A360
6.9
6.0
8.3
7.3
3
17
89.5 x 198
0.5
MKP660-D-8.3
B32344E6101A060
8.3
7.3
10.0
8.7
3
20
89.5 x 198
0.6
MKP660-D-10.4
B32344E6121A560
10.4
9.1
12.5
10.9
3
25
89.5 x 273
0.8
MKP660-D-12.5
B32344E6151A060
12.5
10.9
15.0
13.1
3
31
89.5 x 273
1.1
MKP660-D-13.9
B32344E6161A760
13.9
12.2
16.7
14.6
3
34
89.5 x 273
1.2
MKP660-D-14.6
B32344E6171A560
14.6
12.8
17.5
15.3
3
36
89.5 x 348
1.5
MKP660-D-20.0
B32344E6201A060
20.0
14.6
25.0
17.5
3
41
89.5 x 348
1.5


Similar Part No. - B32344E3071A580

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E2022A030 TDK-B32344E2022A030 Datasheet
262Kb / 11P
   Film Capacitors - Power Factor Correction
B32344E2022A530 TDK-B32344E2022A530 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2052A030 TDK-B32344E2052A030 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2072A530 TDK-B32344E2072A530 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2102A030 TDK-B32344E2102A030 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B32344E3071A580

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com