Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32344E3201A080 Datasheet(PDF) 2 Page - TDK Electronics

Part # B32344E3201A080
Description  Film Capacitors - Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32344E3201A080 Datasheet(HTML) 2 Page - TDK Electronics

  B32344E3201A080 Datasheet HTML 1Page - TDK Electronics B32344E3201A080 Datasheet HTML 2Page - TDK Electronics B32344E3201A080 Datasheet HTML 3Page - TDK Electronics B32344E3201A080 Datasheet HTML 4Page - TDK Electronics B32344E3201A080 Datasheet HTML 5Page - TDK Electronics B32344E3201A080 Datasheet HTML 6Page - TDK Electronics B32344E3201A080 Datasheet HTML 7Page - TDK Electronics B32344E3201A080 Datasheet HTML 8Page - TDK Electronics B32344E3201A080 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Film Capacitors – Power Factor Correction
B32344ExxxxAxxx
PhiCap capacitors
B32344E-series
FILM PFC PM
October 2011
Please read Cautions and warnings and
Page 2 of 10
Important notes at the end of this document.
Construction
Dielectric: Polypropylene film
Non PCB, semi-dry biodegradable resin
Extruded round aluminum can with stud
Provided with ceramic discharge module
Dual safety system
Features
Three-phase, delta connected
Self-healing technology
Naturally air cooled (or forced air cooling)
Indoor mounting
file # E106388
C22.2 Nº190 MC # 236094
GOST
Typical applications
For Power Factor Correction
Terminals
Optimized capacitor safety terminals
Mounting
Threaded stud at bottom of can
(max. torque for M12 = 10 Nm)
Technical data and specifications
Characteristics
Rated capacitance CR
According to specification table
Tolerance
–5 / +10%
Connection
D (Delta)
Rated voltage VR
According to specification table
Rated frequency fR
50 Hz and 60 Hz
Output
According to specification table
Rated current IR
According to specification table
tan δ0 (dielectric)
0.2 W / kvar
C
US


Similar Part No. - B32344E3201A080

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E2022A030 TDK-B32344E2022A030 Datasheet
262Kb / 11P
   Film Capacitors - Power Factor Correction
B32344E2022A530 TDK-B32344E2022A530 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2052A030 TDK-B32344E2052A030 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2072A530 TDK-B32344E2072A530 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2102A030 TDK-B32344E2102A030 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B32344E3201A080

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com